Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEDSD12C Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # PEDSD12C
Description  STANDARD CAPACITANCE TVS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

PEDSD12C Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  PEDSD12C Datasheet HTML 1Page - SUNMATE electronic Co., LTD PEDSD12C Datasheet HTML 2Page - SUNMATE electronic Co., LTD PEDSD12C Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2 of 3
Electrical Characteristics
Ratings at 25°C ambient temperature unless otherwise specified.
Symbol
Parameter
Maximum Reverse Peak Pulse Current
IPP
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
IT
Test Current
VBR
Breakdown Voltage @ IT
IF
Forward Current
VF
Forward Voltage @ IF
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
VRWM
(V)
IR(uA)
@ VRWM
VBR (V)@ IT
(Note 1)
IT
VC (V)
@ IPP=5 A*
VC (V)
@ Max IPP*
IPP
(A)*
C@OV 1MHz
(pF)
Device
Max
Max
Min
Max
mA
Typ
Max
Max
Typ
3.3
40
4.0
6.5
1.0
9.0
10.9
20
500
5.0
10
6.2
7.3
1.0
9.8
14.5
20
350
12
1.0
13.3
15.75
1.0
19
25
12
150
*Surge current waveform per Figure 1.
1.
VBR is measured with a pluse test current IT at an ambient temperature of 25℃.
Fig1. Pulse Waveform
Fig2. Power Derating
PESD05C
PESD12C
PESD03C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com