Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7409 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7409
Description  CARRADIO-SIGNAL-PROCESSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7409 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7409 Datasheet HTML 4Page - STMicroelectronics TDA7409 Datasheet HTML 5Page - STMicroelectronics TDA7409 Datasheet HTML 6Page - STMicroelectronics TDA7409 Datasheet HTML 7Page - STMicroelectronics TDA7409 Datasheet HTML 8Page - STMicroelectronics TDA7409 Datasheet HTML 9Page - STMicroelectronics TDA7409 Datasheet HTML 10Page - STMicroelectronics TDA7409 Datasheet HTML 11Page - STMicroelectronics TDA7409 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
TDA7409
8/25
1.2 AutoZero
In order to reduce the number of pins there is no AC coupling between the In-Gain and the following stage, so
that any offset generated by or before the In-Gain-stage would be transferred or even amplified to the output.
To avoid that effect a special Offset-cancellation-stage called AutoZero is implemented. This stage is located
before the Mixing-block to eliminate all offsets generated by the Input-Stages and the In-Gain (Please notice
that externally generated offsets, e.g. generated through the leakage current of the coupling capacitors, are not
canceled).
The auto-zeroing is started every time the DATA-BYTE 0 (Input Selector/Gain) is selected and takes a time of
max. 0.3ms. To avoid audible clicks the Audioprocessor is muted before the loudness stage during this time.
1.2.1 AutoZero-Remain
In some cases, for example if the uP is executing a refresh cycle of the IIC-Bus-programming, it is not useful
to start a new AutoZero-action because no new source is selected and an undesired mute would appear at the
outputs. For such applications the TDA7409 could be switched in the AutoZero-Remain-Mode (I2 bit of the
subaddress-byte). If this bit is set to high, the DATABYTE 0 could be loaded without invoking the AutoZero and
the old adjustment-value remains.
1.3 Mixing Stage
The 4 step Mixing stage offers the possibility to mix the rear selector signal or the phone signal to any other
source. Due to the fact that the mixing-stage is located behind the In-Gain-stage fine adjustments of the main
source level could be done in this way.
Figure 2. Signal-Flow of Mixing-Stage
1.4 Loudness
There are four parameters programmable in the loudness stage:
1.4.1 Attenuation
Figure 3 shows the attenuation as a function of frequency at fC = 400Hz.
SE1
INGAIN
MIXING
LOUDNESS
MIXING LEVEL
INPUT
BEEP
25K
0dB
-100dB
-3.5dB
-9.6dB
-6dB
-6dB
-12dB
-2.5dB
INPUT SELECTOR
+
-
SE2
SE3
SE4
BEEP
D00AU1181
/
/
/
/
/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com