Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9887TS/V4 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA9887TS/V4
Description  I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9887TS/V4 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA9887TS/V4 Datasheet HTML 17Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 18Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 19Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 20Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 21Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 22Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 23Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 24Page - NXP Semiconductors TDA9887TS/V4 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
2004 Aug 25
21
Philips Semiconductors
Product specification
I2C-bus controlled multistandard alignment-free
IF-PLL demodulator with FM radio
TDA9887
Table 17 Frequency selection bits
Notes
1. Pin SIOMAD can be used for the selection of the different NTSC standards without I2C-bus. With a resistor on
pin SIOMAD, fVIF = 58.75 MHz; without a resistor on pin SIOMAD, fVIF = 45.75 MHz (NTSC-M).
2. Attention: video sound traps are locked on the FM VCO. The second VIF should be selected in accordance with the
selected video standard.
Table 18 Data setting after power-on reset (default setting with a resistor on pin SIOMAD)
Table 19 Data setting after power-on reset (default setting without a resistor on pin SIOMAD)
BIT
DESCRIPTION
E4
E3
E2
TV MODE
BIT B3 = 0 OF REGISTER SAD = 00
RADIO MODE
BIT B3 = 1 OF REGISTER SAD = 00
000
fVIF = 58.75 MHz; note 1
fRIF1 = 33.3 MHz, fVCO = 44 MHz; fRIF2 = 10.7 MHz
001
fVIF = 45.75 MHz; note 1
fRIF1 = 41.3 MHz, fVCO = 52 MHz; fRIF2 = 10.7 MHz
010
fVIF = 38.9 MHz
fRIF1 = 33.3 MHz, fVCO = 44 MHz; fRIF2 = 10.7 MHz
011
fVIF = 38.0 MHz
fRIF1 = 41.3 MHz, fVCO = 52 MHz; fRIF2 = 10.7 MHz
100
fVIF = 33.9 MHz
fRIF1 = 33.3 MHz, fVCO = 44 MHz; fRIF2 = 10.7 MHz
101
fVIF = 33.4 MHz
fRIF1 = 33.3 MHz, fVCO = 44 MHz; fRIF2 = 10.7 MHz
110
fVIF = 45.75 MHz plus FM external input via
pin FMIN; note 2
fRIF1 = 33.3 MHz, fVCO = 44 MHz; fRIF2 = 10.7 MHz
111
fVIF = 38.9 MHz plus FM external input via
pin FMIN; note 2
fRIF1 = 33.3 MHz, fVCO = 44 MHz; fRIF2 = 10.7 MHz
REGISTER
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
Switching mode
11010110
Adjust mode
00110000
Data mode
00000000
REGISTER
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
Switching mode
11010110
Adjust mode
00110000
Data mode
00000100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com