Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8771A Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDF8771A
Description  Triple 8-bit video Digital-to-Analog Converter (DAC)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDF8771A Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDF8771A Datasheet HTML 4Page - NXP Semiconductors TDF8771A Datasheet HTML 5Page - NXP Semiconductors TDF8771A Datasheet HTML 6Page - NXP Semiconductors TDF8771A Datasheet HTML 7Page - NXP Semiconductors TDF8771A Datasheet HTML 8Page - NXP Semiconductors TDF8771A Datasheet HTML 9Page - NXP Semiconductors TDF8771A Datasheet HTML 10Page - NXP Semiconductors TDF8771A Datasheet HTML 11Page - NXP Semiconductors TDF8771A Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
2003 Apr 29
8
Philips Semiconductors
Product specification
Triple 8-bit video Digital-to-Analog
Converter (DAC)
TDF8771A
Notes
1. Minimum and maximum data of current and power consumption are measured in worse case conditions: for
minimum data, all digital inputs are at logic level 0 while for maximum data, all digital inputs are at logic level 1.
2. VO is directly proportional to VVREF.
Table 1
Input coding and DAC output voltages (typical values)
Transfer function (fclk = 35 MHz)
INL
integral non-linearity
ramp input
−±0.3
±1
LSB
DNL
differential non-linearity
ramp input
−±0.15 ±0.5
LSB
α
ct
crosstalk DAC to DAC
−50
−−
dB
MDAC
DAC to DAC matching
−
1.0
2.8
%
Switching characteristics (for 1 k
Ω output load); see Fig.4
td
input to 50% output delay time
full-scale change
−
12
−
ns
ts1
settling time
10% to 90% of full-scale change
−
15
−
ns
ts2
settling time
to
±1 LSB
−
50
−
ns
Output transients (glitches)
Vg
area for 1 LSB change
−
1
−
LSB
⋅ns
BINARY INPUT DATA (SYNC = BLANK = 0)
CODE
DAC OUTPUT VOLTAGES (V)
OUTB, OUTR, OUTG
RL =1kΩ
0000 0000
0
0.262
0000 0001
1
0.273
to
to
to
1000 0000
128
1.731
to
to
to
1111 1110
254
3.188
1111 1111
255
3.200
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com