Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8771AH Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDF8771AH
Description  Triple 8-bit video Digital-to-Analog Converter (DAC)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDF8771AH Datasheet(HTML) 4 Page - NXP Semiconductors

  TDF8771AH Datasheet HTML 1Page - NXP Semiconductors TDF8771AH Datasheet HTML 2Page - NXP Semiconductors TDF8771AH Datasheet HTML 3Page - NXP Semiconductors TDF8771AH Datasheet HTML 4Page - NXP Semiconductors TDF8771AH Datasheet HTML 5Page - NXP Semiconductors TDF8771AH Datasheet HTML 6Page - NXP Semiconductors TDF8771AH Datasheet HTML 7Page - NXP Semiconductors TDF8771AH Datasheet HTML 8Page - NXP Semiconductors TDF8771AH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
2003 Apr 29
4
Philips Semiconductors
Product specification
Triple 8-bit video Digital-to-Analog
Converter (DAC)
TDF8771A
PINNING
SYMBOL
PIN
DESCRIPTION
IREF
1
reference current input for output buffers
VSSA1
2
analog supply ground 1
R7
3
RED digital input data; bit 7 (MSB)
R6
4
RED digital input data; bit 6
R5
5
RED digital input data; bit 5
VSSD1
6
digital supply ground 1
VDDD1
7
digital supply voltage 1
R4
8
RED digital input data; bit 4
R3
9
RED digital input data; bit 3
R2
10
RED digital input data; bit 2
R1
11
RED digital input data; bit 1
R0
12
RED digital input data; bit 0 (LSB)
G7
13
GREEN digital input data; bit 7 (MSB)
G6
14
GREEN digital input data; bit 6
G5
15
GREEN digital input data; bit 5
G4
16
GREEN digital input data; bit 4
G3
17
GREEN digital input data; bit 3
G2
18
GREEN digital input data; bit 2
G1
19
GREEN digital input data; bit 1
G0
20
GREEN digital input data; bit 0 (LSB)
B7
21
BLUE digital input data; bit 7 (MSB)
B6
22
BLUE digital input data; bit 6
B5
23
BLUE digital input data; bit 5
B4
24
BLUE digital input data; bit 4
B3
25
BLUE digital input data; bit 3
B2
26
BLUE digital input data; bit 2
VDDD2
27
digital supply voltage 2
VSSD2
28
digital supply ground 2
B1
29
BLUE digital input data; bit 1
B0
30
BLUE digital input data; bit 0 (LSB)
CLK
31
clock input
VDDA1
32
analog supply voltage 1
VREF
33
decoupling input for reference voltage
n.c.
34
not connected
VDDA2
35
analog supply voltage 2
OUTB
36
BLUE analog output
n.c.
37
not connected
n.c.
38
not connected
VDDA3
39
analog supply voltage 3
OUTG
40
GREEN analog output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com