Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP1004AF Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP1004AF
Description  INFRARED LED PHOTO IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP1004AF Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP1004AF Datasheet HTML 1Page - Toshiba Semiconductor TLP1004AF Datasheet HTML 2Page - Toshiba Semiconductor TLP1004AF Datasheet HTML 3Page - Toshiba Semiconductor TLP1004AF Datasheet HTML 4Page - Toshiba Semiconductor TLP1004AF Datasheet HTML 5Page - Toshiba Semiconductor TLP1004AF Datasheet HTML 6Page - Toshiba Semiconductor TLP1004AF Datasheet HTML 7Page - Toshiba Semiconductor TLP1004AF Datasheet HTML 8Page - Toshiba Semiconductor TLP1004AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TLP1004A(F),TLP1005A(F)
2004-02-13
4
Note: Switching time test circuit
TLP1004A(F)
TLP1005A(F)
Product Indication
Abbreviation
Type
P1004A
TLP1004A(F)
P1005A
TLP1005A(F)
VCC=5V
VOUT
RL
AMP
VOL. REG.
IF
50%
tpLH
IF
tpHL
tr
tf
90%
10%
VOH
VOL
1.5V
VOUT
IF
tpLH
50%
tpHL
90%
10%
tr
tf
VOL
VOH
1.5V
VOUT
VCC=5V
VOUT
VOL. REG.
IF
AMP
RL
Model name
Monthly production lot
Production month
(Jan.-Dec. are indicated by alphabets of A-L)
Production year (last digit of A.D. is indicated)
Stamp color : silver



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com