Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP100NA/250 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMP100NA/250
Description  Digital Temperature Sensor with I2C Interface
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP100NA/250 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP100NA/250 Datasheet HTML 2Page - Texas Instruments TMP100NA/250 Datasheet HTML 3Page - Texas Instruments TMP100NA/250 Datasheet HTML 4Page - Texas Instruments TMP100NA/250 Datasheet HTML 5Page - Texas Instruments TMP100NA/250 Datasheet HTML 6Page - Texas Instruments TMP100NA/250 Datasheet HTML 7Page - Texas Instruments TMP100NA/250 Datasheet HTML 8Page - Texas Instruments TMP100NA/250 Datasheet HTML 9Page - Texas Instruments TMP100NA/250 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TMP100, 101
9
SBOS231C
www.ti.com
HIGH-SPEED MODE
In order for the I2C bus to operate at frequencies above
400kHz, the master device must issue an Hs-mode master
code (00001XXX) as the first byte after a START condition to
switch the bus to high-speed operation. The TMP100 and
TMP101 will not acknowledge this byte as required by the I2C
specification, but will switch their input filters on SDA and
SCL and their output filters on SDA to operate in Hs-mode,
allowing transfers at up to 3.4MHz. After the Hs-mode master
code has been issued, the master will transmit an I2C slave
address to initiate a data transfer operation. The bus will
continue to operate in Hs-mode until a STOP condition
occurs on the bus. Upon receiving the STOP condition, the
TMP100 and TMP101 will switch their input and output filters
back to fast-mode operation.
TIMING DIAGRAMS
The TMP100 and TMP101 are I2C and SMBus compatible.
Figures 5 to 8 describe the various operations on the TMP100
and TMP101. Bus definitions are given below. Parameters
for Figure 5 are defined in Table XIII.
Bus Idle: Both SDA and SCL lines remain HIGH.
Start Data Transfer: A change in the state of the SDA line,
from HIGH to LOW, while the SCL line is HIGH, defines a
START condition. Each data transfer is initiated with a
START condition.
Stop Data Transfer: A change in the state of the SDA line
from LOW to HIGH while the SCL line is HIGH defines a
STOP condition. Each data transfer is terminated with a
repeated START or STOP condition.
Data Transfer: The number of data bytes transferred be-
tween a START and a STOP condition is not limited and is
determined by the master device. The receiver acknowl-
edges the transfer of data.
Acknowledge: Each receiving device, when addressed, is
obliged to generate an Acknowledge bit. A device that
acknowledges must pull down the SDA line during the
Acknowledge clock pulse in such a way that the SDA line is
stable LOW during the HIGH period of the Acknowledge
clock pulse. Setup and hold times must be taken into ac-
count. On a master receive, the termination of the data
transfer can be signaled by the master generating a Not-
Acknowledge on the last byte that has been transmitted by
the slave.
FAST MODE
HIGH-SPEED MODE
PARAMETER
MIN
MAX
MIN
MAX
UNITS
SCLK Operating Frequency
f(SCLK)
0.4
3.4
MHz
Bus Free Time Between STOP and START Condition
t(BUF)
600
160
ns
Hold Time After Repeated START Condition.
t(HDSTA)
600
160
ns
After this period, the first clock is generated.
Repeated START Condition Setup Time
t(SUSTA)
600
160
ns
STOP Condition Setup Time
t(SUSTO)
600
160
ns
Data Hold Time
t(HDDAT)
00
ns
Data Setup Time
t(SUDAT)
100
10
ns
SCLK Clock LOW Period
t(LOW)
1300
160
ns
SCLK Clock HIGH Period
t(HIGH)
600
60
ns
Clock/Data Fall Time
tF
300
160
ns
Clock/Data Rise Time
tR
300
160
ns
TABLE XIII. Timing Diagram Definitions.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com