Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM102 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM102
Description  Voltage Followers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM102 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM102 Datasheet HTML 1Page - National Semiconductor (TI) LM102 Datasheet HTML 2Page - National Semiconductor (TI) LM102 Datasheet HTML 3Page - National Semiconductor (TI) LM102 Datasheet HTML 4Page - National Semiconductor (TI) LM102 Datasheet HTML 5Page - National Semiconductor (TI) LM102 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLH7753
November 1994
LM102LM302 Voltage Followers
General Description
The LM102 series are high-gain operational amplifiers de-
signed specifically for unity-gain voltage follower applica-
tions Built on a single silicon chip the devices incorporate
advanced processing techniques to obtain very low input
current and high input impedance Further the input transis-
tors are operated at zero collector-base voltage to virtually
eliminate high temperature leakage currents It can there-
fore be operated in a temperature stabilized component
oven to get extremely low input currents and low offset volt-
age drift
The LM102 which is designed to operate with supply volt-
ages between g12V and g15V also features low input
capacitance as well as excellent small signal and large sig-
nal frequency responseall of which minimize high fre-
quency gain error Because of the low wiring capacitances
inherent in monolithic construction this fast operation can
be realized without increasing power consumption
Features
Y
Fast slewing
10V ms
Y
Low input current
10 nA (max)
Y
High input resistance
10000 MX
Y
No external frequency compensation required
Y
Simple offset balancing with optional 1 kX
potentiometer
Y
Plug-in replacement for both the LM101 and LM709 in
voltage follower applications
Schematic Diagram
TLH7753 – 1
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM102

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LM102 INTERSIL-LM102 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
GOOD-ARK Electronics
LM102 GOOD-ARK-LM102 Datasheet
375Kb / 4P
Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
logo
Shanghai Leiditech Elec...
LM102 LEIDITECH-LM102 Datasheet
563Kb / 4P
RoHS compliant
LM102-181N LEIDITECH-LM102-181N Datasheet
563Kb / 4P
RoHS compliant
LM102-201M LEIDITECH-LM102-201M Datasheet
563Kb / 4P
RoHS compliant
More results

Similar Description - LM102

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LH2110 NSC-LH2110 Datasheet
74Kb / 2P
DUAL VOLTAGE FOLLOWERS
logo
Billiton Ltd.
TP7660 ASIC-TP7660 Datasheet
123Kb / 6P
Voltage-voltage deflector
TP7660H ASIC-TP7660H Datasheet
111Kb / 6P
Voltage-voltage deflector
logo
Beijing Yaohuadechang E...
TV30GB YHDC-TV30GB Datasheet
4Mb / 1P
Voltage type voltage transformer
TV30GK YHDC-TV30GK Datasheet
2Mb / 1P
Voltage type voltage transformer
TV48GB YHDC-TV48GB Datasheet
10Mb / 1P
Voltage type voltage transformer
TV600GB-2K YHDC-TV600GB-2K Datasheet
5Mb / 1P
Voltage type voltage transformer
TV600GB-5K YHDC-TV600GB-5K Datasheet
5Mb / 1P
Voltage type voltage transformer
TVD120 YHDC-TVD120 Datasheet
5Mb / 1P
Voltage type voltage transformer
logo
Mallory Sonalert Produc...
SCE048SA3QP1B MSPI-SCE048SA3QP1B Datasheet
55Kb / 1P
Voltage Rating Voltage Rating
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com