Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA321D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPA321D
Description  350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA321D Datasheet(HTML) 1 Page - Texas Instruments

  TPA321D Datasheet HTML 1Page - Texas Instruments TPA321D Datasheet HTML 2Page - Texas Instruments TPA321D Datasheet HTML 3Page - Texas Instruments TPA321D Datasheet HTML 4Page - Texas Instruments TPA321D Datasheet HTML 5Page - Texas Instruments TPA321D Datasheet HTML 6Page - Texas Instruments TPA321D Datasheet HTML 7Page - Texas Instruments TPA321D Datasheet HTML 8Page - Texas Instruments TPA321D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
www.ti.com
1
2
3
4
8
7
6
5
SHUTDOWN
BYPASS
IN+
IN-
VO-
GND
VDD
VO+
D OR DGN PACKAGE
(TOP VIEW)
DESCRIPTION
Audio
Input
Bias
Control
VDD
350 mW
6
5
7
VO+
VDD
1
2
4
BYPASS
IN -
VDD/2
CI
RI
CS
1
µF
CB
0.1
µF
RF
SHUTDOWN
VO-
8
GND
From System Control
3
IN+
-
+
-
+
TPA321
SLOS312C – JUNE 2000 – REVISED JUNE 2004
350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
•
Fully Specified for 3.3-V and 5-V Operation
•
Wide Power Supply Compatibility
2.5 V – 5.5 V
•
Output Power for RL = 8 Ω
– 350 mW at VDD = 5 V
– 250 mW at VDD = 3.3 V
•
Ultralow Supply Current in Shutdown
Mode . . . 0.15 µA
•
Thermal and Short-Circuit Protection
•
Surface-Mount Packaging
– SOIC
– PowerPAD™ MSOP
The TPA321 is a bridge-tied load (BTL) audio power amplifier developed especially for low-voltage applications
where internal speakers are required. Operating with a 3.3-V supply, the TPA321 can deliver 250 mW of
continuous power into a BTL 8-
Ω load at less than 1% THD+N throughout voice band frequencies. Although this
device is characterized out to 20 kHz, its operation was optimized for narrower band applications such as cellular
communications. The BTL configuration eliminates the need for external coupling capacitors on the output in
most applications, which is particularly important for small battery-powered equipment. This device features a
shutdown mode for power-sensitive applications with a quiescent current of 0.15 µA during shutdown. The
TPA321 is available in an 8-pin SOIC surface-mount package and the surface-mount PowerPAD™ MSOP, which
reduces board space by 50% and height by 40%.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPA321D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA321D TI-TPA321D Datasheet
709Kb / 26P
350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA321DG4 TI-TPA321DG4 Datasheet
709Kb / 26P
350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA321DGN TI-TPA321DGN Datasheet
709Kb / 26P
350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA321DGNG4 TI-TPA321DGNG4 Datasheet
709Kb / 26P
350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA321DGNR TI-TPA321DGNR Datasheet
709Kb / 26P
350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
More results

Similar Description - TPA321D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA301 TI-TPA301 Datasheet
356Kb / 22P
350-mW MONO AUDIO POWER AMPLIFIER
TPA311 TI-TPA311 Datasheet
579Kb / 32P
350-mW MONO AUDIO POWER AMPLIFIER
TPA301 TI-TPA301_07 Datasheet
701Kb / 25P
350-mW MONO AUDIO POWER AMPLIFIER
TPA311 TI-TPA311_07 Datasheet
979Kb / 35P
350-mW MONO AUDIO POWER AMPLIFIER
TPA321 TI-TPA321_07 Datasheet
709Kb / 26P
350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA731 TI-TPA731_07 Datasheet
724Kb / 25P
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA741 TI-TPA741_07 Datasheet
695Kb / 24P
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA301 TI-TPA301_15 Datasheet
784Kb / 29P
350-mW MONO AUDIO POWER AMPLIFIER
TPA321 TI-TPA321_15 Datasheet
1,008Kb / 30P
350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA741 TI-TPA741_15 Datasheet
994Kb / 28P
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com