Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1214 Datasheet(PDF) 21 Page - SMSC Corporation

Part # CAP1214
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1214 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button CAP1214 Datasheet HTML 17Page - SMSC Corporation CAP1214 Datasheet HTML 18Page - SMSC Corporation CAP1214 Datasheet HTML 19Page - SMSC Corporation CAP1214 Datasheet HTML 20Page - SMSC Corporation CAP1214 Datasheet HTML 21Page - SMSC Corporation CAP1214 Datasheet HTML 22Page - SMSC Corporation CAP1214 Datasheet HTML 23Page - SMSC Corporation CAP1214 Datasheet HTML 24Page - SMSC Corporation CAP1214 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1214
21
Revision 1.0 (08-30-10)
DATASHEET
4.2.5
SMBus Send Byte
The Send Byte protocol is used to set the internal address register pointer to the correct address
location. No data is transferred during the Send Byte protocol as shown in Table 4.6.
4.2.6
SMBus Receive Byte
The Receive Byte protocol is used to read data from a register when the internal register address
pointer is known to be at the right location (e.g. set via Send Byte). This is used for consecutive reads
of the same register as shown in Table 4.7.
Table 4.5 Block Read Protocol
START
CLIENT
ADDRESS
WR
ACK
REGISTER
ADDRESS
ACK
START
CLIENT
ADDRESS
RD
ACK
REGISTER
DATA
1->0
0101_000
0
0
XXh
0
1 ->0
0101_000
1
0
XXh
ACK
REGISTER
DATA
ACK
REGISTER
DATA
ACK
REGISTER
DATA
ACK
. . .
REGISTER
DATA
NACK
STOP
0
XXh
0
XXh
0
XXh
0
. . .
XXh
1
0 -> 1
Table 4.6 Send Byte Protocol
START
CLIENT
ADDRESS
WR
ACK
REGISTER
ADDRESS
ACK
STOP
1 -> 0
0101_000
0
0
XXh
0
0 -> 1
Table 4.7 Receive Byte Protocol
START
CLIENT
ADDRESS
RD
ACK
REGISTER DATA
NACK
STOP
1 -> 0
0101_000
1
0
XXh
1
0 -> 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com