Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA2001D1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2001D1
Description  1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2001D1 Datasheet(HTML) 3 Page - Texas Instruments

  TPA2001D1 Datasheet HTML 1Page - Texas Instruments TPA2001D1 Datasheet HTML 2Page - Texas Instruments TPA2001D1 Datasheet HTML 3Page - Texas Instruments TPA2001D1 Datasheet HTML 4Page - Texas Instruments TPA2001D1 Datasheet HTML 5Page - Texas Instruments TPA2001D1 Datasheet HTML 6Page - Texas Instruments TPA2001D1 Datasheet HTML 7Page - Texas Instruments TPA2001D1 Datasheet HTML 8Page - Texas Instruments TPA2001D1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TPA2001D1
1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
SLOS338D – SEPTEMBER 2000 – REVISED DECEMBER 2002
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VDD, PVDD
–0.3 V to 5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
–0.3 V to VDD +0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
(see Dissipation Rating Table)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating junction temperature range, TJ
– 40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PW
774 mW
6.19 mW/
°C
495 mW
402 mW
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VDD, PVDD
2.7
5.5
V
High-level input voltage, VIH
GAIN0, GAIN1, SHUTDOWN
2
V
Low-level input voltage, VIL
GAIN0, GAIN1, SHUTDOWN
0.7
V
Operating free-air temperature, TA
– 40
85
°C
electrical characteristics at specified free-air temperature, PVDD = 5 V, TA = 25°C (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
|VOS|
Output offset voltage (measured differentially)
VI = 0 V,
AV = any gain
25
mV
PSRR
Power supply rejection ratio
PVDD = 4.9 V to 5.1 V
77
dB
|IIH|
High-level input current
PVDD = 5.5 V,
VI = PVDD
1
µA
|IIL|
Low-level input current
PVDD = 5.5 V,
VI = 0 V
1
µA
IDD
Supply current, no filter (with or without speaker
load)
4
6
mA
IDD(SD)
Supply current, shutdown mode
GAIN0, GAIN1, SHUTDOWN = 0 V
0.05
20
µA
operating characteristics, PVDD = 5 V, TA = 25°C, RL = 8 Ω, gain = 6 dB (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power
THD = 1%,
f = 1 kHz
1
W
THD + N
Total harmonic distortion plus noise
PO = 1 W,
f = 20 Hz to 20 kHz
<0.1%
BOM
Maximum output power bandwidth
THD = 1%
20
kHz
kSVR
Supply ripple rejection ratio
f = 1 kHz,
C(BYP) = 1 µF
71
dB
SNR
Signal-to-noise ratio
95
dB
Vn
Output noise voltage (no noise weighting filter)
C(BYP) = 1 µF,
f =
<10 Hz to 22 kHz
40
µV(rms)
ZI
Input impedance
>15
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com