Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS1012A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LS1012A
Description  Enterprise-class security and packet acceleration in a 1 W typical power processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1012A Datasheet(HTML) 2 Page - NXP Semiconductors

  LS1012A Datasheet HTML 1Page - NXP Semiconductors LS1012A Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The LS1012A includes a hardware
packet forwarding engine (PFE) which
offloads processing of IP packets
from the main CPU, yielding higher
performance and lower power than
pure software processing can achieve.
The PFE is capable of 2 Gbit/s IP
forwarding even with the smallest
packets, with virtually no CPU load.
COMPLETE ENABLEMENT,
RICH ECOSYSTEM
For customer evaluation, the QorIQ
LS1012A processor will be supported
by an evaluation board featuring
an integrated on-board probe for
further cost savings, along with third-
party platforms developed by NXP’s
embedded board solution partners.
Evaluation kits include a Linux® BSP with
optimized drivers to support peripherals
and a six-month evaluation license for
CodeWarrior development tools.
All QorIQ LS series devices are
supported by our Product Longevity
Program to ensure long-term availability,
as well as our extensive third-party
ecosystem, the largest and most
established in the communications
market. In conjunction with our expertise
and worldwide support infrastructure, the
ecosystem helps customers accelerate
their migration from both competitive
solutions and from legacy Freescale
devices, preserve investment costs and
reduce time-to-market.
QorIQ LS1012A BLOCK DIAGRAM
QorIQ LS1012A FEATURES
Core Complex
Basic Peripherals and Interconnect
Accelerators and Memory Control
Networking Elements
CoreLink™ CCI-400 Coherent Interconnect
Secure Boot
QorIQ Trust Architecture
ARM TrustZone®
Power Management
2 x SD 3.0/SDIO/eMMC
2 x I2C
5 x I2S
QSPI, 1 x SPI
2 x UART
16-bit DDR3L
Memory
Controller
128 KB
SRAM
GPIO, JTAG
Security
Engine
256 KB L2
ARM®
Cortex®-A53
32 KB
L1-D
32 KB
L1-I
1 x USB 3.0 + PHY
3-Lane 6 GHz SERDES
Packet Forwarding
Engine
1 x USB 2.0
Security Monitor
Document Number:
LS1012AFS REV 0
www.nxp.com/QorIQ
NXP, the NXP logo, Freescale, CodeWarrior, Layerscape, QorIQ and SMARTMOS, are trademarks of NXP B.V.
All other product or service names are the property of their respective owners. ARM, Cortex and TrustZone are
registered trademarks of ARM Limited (or its subsidiaries) in the EU and/or elsewhere. CoreLink and NEON are
trademarks of ARM Limited (or its subsidiaries) in the EU and/or elsewhere. All rights reserved. © 2016 NXP B.V.
64-bit ARM® Cortex®-A53 core
Extreme power efficiency, delivering over 3,000 CoreMarks®
at 1 W typical power
ECC-protected cache memories
First 1 W typical power embedded processor featuring ARM
Cortex-A53 core with ECC protected caches and coherent
256 KB L2 for high reliability applications
Rich connectivity and peripheral
features including PCI Express® Gen2,
USB 3.0, SATA 3, QuadSPI, SDIO
High integration that enables support for 802.11ac modules
and high bandwidth connectivity for ASICs, 4G/LTE, SATA,
low-cost NOR Flash
Packet acceleration engine
Delivers hardware acceleration for outstanding IP forwarding
and NAS performance
Security and trust architecture
Support for ARM TrustZone® and secure boot, together
with high performance cryptographic processing and
manufacturing protection
Low-cost board designs
The LS1012A package is engineered to support low-cost,
4-layer board designs to minimize system costs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com