Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCF8102 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TPCF8102
Description  Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCF8102 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPCF8102 Datasheet HTML 1Page - Toshiba Semiconductor TPCF8102 Datasheet HTML 2Page - Toshiba Semiconductor TPCF8102 Datasheet HTML 3Page - Toshiba Semiconductor TPCF8102 Datasheet HTML 4Page - Toshiba Semiconductor TPCF8102 Datasheet HTML 5Page - Toshiba Semiconductor TPCF8102 Datasheet HTML 6Page - Toshiba Semiconductor TPCF8102 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TPCF8102
2004-07-06
3
Marking (Note 5)
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: (a) Device mounted on a glass-epoxy board (a)
(b) Device mounted on a glass-epoxy board (b)
Note 3: VDD = −16 V, Tch = 25°C (initial), L = 0.5 mH, RG = 25 Ω, IAR = −3.0 A
Note 4: Repetitive rating: pulse width limited by maximum channel temperature
Note 5:
A dot on the lower left of the marking indicates Pin 1.
(b)
FR-4
25.4
× 25.4 × 0.8
Unit: (mm)
(a)
FR-4
25.4
× 25.4 × 0.8
Unit: (mm)
Part No.
(or abbreviation code)
F3B
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Lot code (month)
Lot No.
Pin #1
Lot code
(year)
Product-specific code



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com