Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2228 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS2228
Description  PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2228 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2228 Datasheet HTML 1Page - Texas Instruments TPS2228 Datasheet HTML 2Page - Texas Instruments TPS2228 Datasheet HTML 3Page - Texas Instruments TPS2228 Datasheet HTML 4Page - Texas Instruments TPS2228 Datasheet HTML 5Page - Texas Instruments TPS2228 Datasheet HTML 6Page - Texas Instruments TPS2228 Datasheet HTML 7Page - Texas Instruments TPS2228 Datasheet HTML 8Page - Texas Instruments TPS2228 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TPS2228
TPS2221
SLVS419A – MAY 2002- REVISED SEPTEMBER 2002
PC CARD POWER-INTERFACE SWITCH
FOR PCMCIA CONTROLLERS
FEATURES
D Fully Integrated VCC and VPP/VCORE
Switching
D Meets PC Card Standards
D VPP/VCORE Output Programmed Independent
of VCC
D TTL-Logic Compatible Inputs
D Short Circuit and Thermal Protection
D 20-Pin HTSSOP or 30-Pin SSOP (Dual With
Serial Interface) Package
D 14-pin HTSSOP Package (Single With
Parallel Interface)
D 95 µA Typ Quiescent Current on 3.3 VIN Input
(Dual With Serial Interface)
D 64 µA Typ Quiescent Current on 3.3 VIN Input
(Single With Parallel Interface)
D Break-Before-Make Switching
D Power On Reset
D –40°C to 85°C Ambient Operating
Temperature Range
APPLICATIONS
D Notebook/Desktop Computers
D Personal Digital Assistants (PDAs)
D Digital Cameras
D Bar-code Scanners
DESCRIPTION
The TPS2228 and TPS2221 PC card power interface
switches provide an integrated power management
solution for both dual and single PC card sockets. The
TPS2228 is a dual-slot power interface switch for serial
PCMCIA controllers. The TPS2221 is a single-slot power
interface switch for parallel PCMCIA controllers. These
power interface switches support the distribution of 3.3 V,
5 V and 1.8 V to the PC card slot while providing
current-limiting protection with overcurrent reporting.
ORDERING INFORMATION(1)
PACKAGED DEVICES
TA
DUAL
HTSSOP, SSOP
SINGLE HTSSOP
40
°Cto85°C
TPS2228PWP (20)
TPS2221PWP (14)
–40
°C to 85°C
TPS2228DB (30)
(1) Both DB and PWP packages are available taped and reeled
(indicated by the R suffix on the device type; e.g.,
TPS2228PWPR).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2002, Texas Instruments Incorporated


Similar Part No. - TPS2228

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2228 TI-TPS2228 Datasheet
1,001Kb / 37P
POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2228 TI1-TPS2228 Datasheet
973Kb / 34P
PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2228 TI1-TPS2228 Datasheet
1Mb / 34P
PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
TPS2228 TI1-TPS2228 Datasheet
208Kb / 25P
DUAL-SLOT PC CARD田?POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2228DB TI1-TPS2228DB Datasheet
1Mb / 34P
PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
More results

Similar Description - TPS2228

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2205 TI-TPS2205 Datasheet
463Kb / 28P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211 TI-TPS2211 Datasheet
323Kb / 22P
SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2214 TI-TPS2214 Datasheet
351Kb / 26P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2216 TI-TPS2216 Datasheet
371Kb / 27P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
logo
Vishay Siliconix
SI9706DY VISHAY-SI9706DY Datasheet
46Kb / 4P
PC Card (PCMCIA) Interface Switch
16-Feb-04
logo
Texas Instruments
TPS2211A TI-TPS2211A Datasheet
454Kb / 19P
SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2205 TI1-TPS2205_13 Datasheet
1Mb / 33P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211 TI1-TPS2211_12 Datasheet
661Kb / 23P
SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211A TI1-TPS2211A_16 Datasheet
879Kb / 28P
SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2228 TI1-TPS2228_16 Datasheet
1Mb / 34P
PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com