Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1036 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1036
Description  Dual DC Operated Tone/Volume/Balance Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1036 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM1036 Datasheet HTML 2Page - National Semiconductor (TI) LM1036 Datasheet HTML 3Page - National Semiconductor (TI) LM1036 Datasheet HTML 4Page - National Semiconductor (TI) LM1036 Datasheet HTML 5Page - National Semiconductor (TI) LM1036 Datasheet HTML 6Page - National Semiconductor (TI) LM1036 Datasheet HTML 7Page - National Semiconductor (TI) LM1036 Datasheet HTML 8Page - National Semiconductor (TI) LM1036 Datasheet HTML 9Page - National Semiconductor (TI) LM1036 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Applications Information (Continued)
When adjusted for maximum boost in the usual application
circuit, the LM1036 cannot give additional boost from the
loudness control with reducing gain. If it is required, some
additional boost can be obtained by restricting the tone con-
trol range and modifying C
t,Cb, to compensate. A circuit il-
lustrating this for the case of bass boost is shown in Figure
13. The resulting responses are given in
Figure 14 showing
the continuing loudness control action possible with bass
boost previously applied.
USE OF THE LM1036 ABOVE AUDIO FREQUENCIES
The LM1036 has a basic response typically 1 dB down at
250 kHz (tone controls flat) and therefore by scaling C
b and
C
t, it is possible to arrange for operation over a wide fre-
quency range for possible use in wide band equalization ap-
plications. As an example
Figure 15 shows the responses
obtained centered on 10 kHz with C
b=0.039
µF and
C
t=0.001 µF.
DS005142-16
FIGURE 13. Modified Application Circuit for Additional Bass Boost with Loudness Control
DS005142-17
FIGURE 14. Loudness Compensated Volume
Characteristic
DS005142-18
FIGURE 15. Tone Characteristic (Gain vs Frequency)
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com