Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMF1HDMI2SZ Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCMF1HDMI2SZ
Description  Common-mode EMI filter for differential channels with integrated ESD protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCMF1HDMI2SZ Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCMF1HDMI2SZ Datasheet HTML 9Page - NXP Semiconductors PCMF1HDMI2SZ Datasheet HTML 10Page - NXP Semiconductors PCMF1HDMI2SZ Datasheet HTML 11Page - NXP Semiconductors PCMF1HDMI2SZ Datasheet HTML 12Page - NXP Semiconductors PCMF1HDMI2SZ Datasheet HTML 13Page - NXP Semiconductors PCMF1HDMI2SZ Datasheet HTML 14Page - NXP Semiconductors PCMF1HDMI2SZ Datasheet HTML 15Page - NXP Semiconductors PCMF1HDMI2SZ Datasheet HTML 16Page - NXP Semiconductors PCMF1HDMI2SZ Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
PCMFXHDMI2S_SER
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 2 — 19 April 2016
13 of 20
NXP Semiconductors
PCMFXHDMI2S series
Common-mode EMI filter for differential channels with ESD protection
Fig 20. Package outline WLCSP10
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
PCMF2HDMI2S
pcmf2hdmi2s_po
Unit
mm
max
nom
min
0.60
0.38
1.62
1.52
1.22
A
Dimensions (mm are the original dimensions)
WLCSP10: wafer level chip-size package; 10 bumps (4-2-4)
PCMF2HDMI2S
A1
b
0.31
DE
e
e1
e2
0.80
0.57
0.37
1.57
1.17
0.40
0.40
e3
0.80
0.26
0.54
0.36
1.12
0.21
0
1 mm
scale
15-10-14
15-10-22
detail X
A
A1
X
A
B
C
E
D
e2
e1
B2
B1
bump A1
index area
bump A1
index area
e
b
4
3
e3
2
1
1/2 e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com