Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM302 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM302
Description  Voltage Followers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM302 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM302 Datasheet HTML 1Page - National Semiconductor (TI) LM302 Datasheet HTML 2Page - National Semiconductor (TI) LM302 Datasheet HTML 3Page - National Semiconductor (TI) LM302 Datasheet HTML 4Page - National Semiconductor (TI) LM302 Datasheet HTML 5Page - National Semiconductor (TI) LM302 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
(Note 6)
Supply Voltage
g
18V
Power Dissipation (Note 1)
500 mW
Input Voltage (Note 2)
g
15V
Output Short Circuit Duration (Note 3)
Indefinite
Operating Free Air Temperature Range
LM102
b
55 Cto a125 C
LM302
0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature (Soldering 10 sec)
300 C
ESD rating to be determined
Electrical Characteristics (Note 4)
Parameter
Conditions
LM102
LM302
Units
Min
Typ
Max
Min
Type
Max
Input Offset Voltage
TA e 25 C
2
5
5
15
mV
Input Bias Current
TA e 25 C
3
10
10
30
nA
Input Resistance
TA e 25 C1010
1012
109
1012
X
Input Capacitance
30
30
pF
Large Signal Voltage
TA e 25 C VS g15V
0999
09996
09985
09995
10
VV
Gain
VOUT e g10V RL e 8kX
Output Resistance
TA e 25 C
08
25
08
25
X
Supply Current
TA e 25 C
35
55
35
55
mA
Input Offset Voltage
75
20
mV
Offset Voltage
620
m
V C
Temperature Drift
Input Bias Current
TA e TAMAX
3
10
30
15
nA
TA e TAMIN
30
100
20
50
nA
Large Signal Voltage
VS e g15V VOUT e g10V
0999
Gain
RL e 10 kX
Output Voltage
VS e g15V RL e 10 kX
g
10
g
10
V
Swing
(Note 5)
Supply Current
TA e 125 C
26
40
mA
Supply Voltage
g
12V s VS s g15V
60
60
dB
Rejection Ratio
Note 1
The maximum junction temperature of the LM102 is 150 C while that of the LM302 is 85 C For operating at elevated temperatures devices in the H08
package must be derated based on a thermal resistance of 150 CW junction to ambient or 20 CW junction to case
Note 2
For supply voltages less than g15V the absolute maximum input voltage is equal to the supply voltage
Note 3
It is necessary to insert a resistor (at least 5k and preferably 10k) in series with the input pin when the amplifier is driven from low impedance sources to
prevent damage when the output is shorted and to ensure stability
Note 4
These specifications apply for g12V s VS s g15V and b55 C s TA s 125 C for the LM102 and 0 C sTA s 70 C for the LM302 unless otherwise
specified
Note 5
Increased output swing under load can be obtained by connecting an external resistor between the booster and V
b
terminals See curve
Note 6
Refer to RETS102X for the LM102H military specifications
APPLICATION HINT
The input must be driven from a source impedance of typically 10 kX (5 kX Min) to maintain stability The total source
impedance will be reduced at high frequencies if there is stray capacitance at the input pin In these cases a 10 kX resistor
should be inserted in series with the input physically close to the input pin to minimize the stray capacitance and prevent
oscillation
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com