Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2803 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PAM2803
Description  3W HIGH POWER WHITE LED DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2803 Datasheet(HTML) 1 Page - Diodes Incorporated

  PAM2803 Datasheet HTML 1Page - Diodes Incorporated PAM2803 Datasheet HTML 2Page - Diodes Incorporated PAM2803 Datasheet HTML 3Page - Diodes Incorporated PAM2803 Datasheet HTML 4Page - Diodes Incorporated PAM2803 Datasheet HTML 5Page - Diodes Incorporated PAM2803 Datasheet HTML 6Page - Diodes Incorporated PAM2803 Datasheet HTML 7Page - Diodes Incorporated PAM2803 Datasheet HTML 8Page - Diodes Incorporated PAM2803 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PAM2803
Document number: DS36400 Rev. 2 - 2
1 of 9
www.diodes.com
December 2014
© Diodes Incorporated
PAM2803
A Product Line of
Diodes Incorporated
3W HIGH POWER WHITE LED DRIVER
Description
The PAM2803 is a step-up DC-DC converter that delivers a regulated
output current. The device switches at a 1.0MHz constant frequency,
allowing for the use of small value external inductor and ceramic
capacitors.
The PAM2803 is targeted to be used for driving loads up to 1A from a
two-cell alkaline battery. The LED current can be programmed by the
external current sense resistor, RS, connected between the feedback
pin (FB) and ground. A low 95mV feedback voltage reduces the
power loss in the Rs for better efficiency. With its internal 2A, 100mΩ
NMOS switch, the device can provide high efficiency even at heavy
load. During the shutdown mode, the feedback resistor RS and the
load are completely disconnected and the current consumption is
reduced to less than 1µA.
The PAM2803 is available in the 6-lead SOT23-6 package.
Features
LED Power Efficiency: up to 90%
Current Accuracy: 5%(VIN = 3.6V to 1.8V @VF = 3.7V)
Low Start-Up Voltage: 0.9V (ILED = 270mA)
Low Hold Voltage: 0.75 (ILED = 200mA)
1MHz Switching Frequency
Uses Small, Low Profile External Components
Low RDS(ON): 100mΩ (typ)
Over Temperature Protection
Low Profile SOT23-6 Package
Pb-Free Package
Pin Assignments
Applications
White LED Torch (Flashlight)
White LED Camera Flash
DSC (Digital Still Camera) Flash
Cellular Camera Phone Flash
PDA Camera Flash
Camcorder Torch (Flashlight) Lamp
Typical Applications Circuit
ILED = 750mA, RS = 0.127Ω


Similar Part No. - PAM2803

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM2803 PAM-PAM2803 Datasheet
211Kb / 8P
3W High Power White LED Driver
PAM2803FBAF095 PAM-PAM2803FBAF095 Datasheet
211Kb / 8P
3W High Power White LED Driver
PAM2803GNDAF095 PAM-PAM2803GNDAF095 Datasheet
211Kb / 8P
3W High Power White LED Driver
PAM2803SHDNAF095 PAM-PAM2803SHDNAF095 Datasheet
211Kb / 8P
3W High Power White LED Driver
PAM2803SWAF095 PAM-PAM2803SWAF095 Datasheet
211Kb / 8P
3W High Power White LED Driver
More results

Similar Description - PAM2803

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCF02 STMICROELECTRONICS-STCF02 Datasheet
223Kb / 4P
High Power White Led Driver
05-Oct-2005
logo
YOBON TECHNOLOGIES,INC.
YB1509 YOBON-YB1509 Datasheet
96Kb / 7P
High-Power White LED Driver
YB1519 YOBON-YB1519 Datasheet
271Kb / 7P
High-Power White LED Driver
logo
Power Analog Micoelectr...
PAM2800 PAM-PAM2800 Datasheet
92Kb / 7P
High Power White LED Driver
PAM2803 PAM-PAM2803 Datasheet
211Kb / 8P
3W High Power White LED Driver
logo
FOSLINK SEMICONDUCTOR C...
FSP3604 FOSLINK-FSP3604 Datasheet
559Kb / 6P
3W HIGH POWER WHITE LED DRIVER
logo
SHENZHEN FUMAN ELECTRON...
SC2803 FUMAN-SC2803 Datasheet
411Kb / 7P
3W high power white LED driver
logo
Elite Enterprises (H.K....
PG1A-3LWX-SDBK ELITE-PG1A-3LWX-SDBK Datasheet
419Kb / 12P
3W White Power LED
logo
SHOUDING Shouding Semic...
SD3303 SHOUDING-SD3303 Datasheet
1Mb / 8P
3W HIGH POWER WHITE LED DRIVER
logo
Diodes Incorporated
PAM2800AABR DIODES-PAM2800AABR Datasheet
293Kb / 7P
HIGH POWER WHITE LED DRIVER
December 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com