Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3341 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS3341
Description  Alternator Voltage Regulator Darlington Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS3341 Datasheet(HTML) 3 Page - ON Semiconductor

  CS3341_09 Datasheet HTML 1Page - ON Semiconductor CS3341_09 Datasheet HTML 2Page - ON Semiconductor CS3341_09 Datasheet HTML 3Page - ON Semiconductor CS3341_09 Datasheet HTML 4Page - ON Semiconductor CS3341_09 Datasheet HTML 5Page - ON Semiconductor CS3341_09 Datasheet HTML 6Page - ON Semiconductor CS3341_09 Datasheet HTML 7Page - ON Semiconductor CS3341_09 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CS3341, CS3351, CS387
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (−40
°C < TA < 125°C, −40°C < TJ < 150°C, 9.0 V ≤ VCC ≤ 17 V; unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Supply
Supply Current Enabled
−
−
12
25
mA
Supply Current Disabled
−
−
−
50
mA
Driver Stage
Output High Current
VDD = 1.2 V
−10
−6.0
−4.0
mA
Output Low Voltage
IOL = 25 mA
−
−
0.35
V
Minimum ON Time
−
200
−
−
ms
Minimum Duty Cycle
−
−
6.0
10
%
Short Circuit Duty Cycle
−
1.0
−
5.0
%
Field Switch Turn On
Rise Time
−
30
−
90
ms
Field Switch Turn On
Fall Time
−
30
−
90
ms
Stator
Input High Voltage
−
10
−
−
V
Input Low Voltage
−
−
−
6.0
V
Stator Time Out
High to Low
6.0
100
600
ms
Stator Power−Up Input High
CS3351 only
10
−
−
V
Stator Power−Up Input Low
CS3351 only
−
−
6.0
V
Lamp
Output High Current
VLAMP @ 3.0 V
−
−
50
mA
Output Low Voltage
ILAMP @ 30 mA
−
−
0.35
V
Ignition
Input High Voltage
ICC > 1.0 mA
1.8
−
−
V
Input Low Voltage
ICC < 100 mA
−
−
0.5
V
Oscillator
Oscillator Frequency
COSC = 0.22 mF
65
−
325
Hz
Rise Time/Fall Time
COSC = 0.22 mF
−
17
−
−
Oscillator High Threshold
COSC = 0.22 mF
−
−
6.0
V
Battery Sense
Input Current
−
−10
−
+10
mA
Regulation Voltage
@25
°C, R1 = 100 kW, R2 = 50 kW
13.5
−
16
V
Proportional Control
−
0.050
−
0.400
V
High Voltage Threshold Ratio
VHigh Voltage @ LampOn
VRegulation @ 50%Duty Cycle
1.083
−
1.190
−
High Voltage Hysteresis
−
0.020
−
0.600
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com