Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3341 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS3341
Description  Alternator Voltage Regulator Darlington Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS3341 Datasheet(HTML) 1 Page - ON Semiconductor

  CS3341 Datasheet HTML 1Page - ON Semiconductor CS3341 Datasheet HTML 2Page - ON Semiconductor CS3341 Datasheet HTML 3Page - ON Semiconductor CS3341 Datasheet HTML 4Page - ON Semiconductor CS3341 Datasheet HTML 5Page - ON Semiconductor CS3341 Datasheet HTML 6Page - ON Semiconductor CS3341 Datasheet HTML 7Page - ON Semiconductor CS3341 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2005
September, 2005 − Rev. 12
1
Publication Order Number:
CS3341/D
CS3341, CS3351, CS387
Alternator Voltage
Regulator Darlington Driver
The CS3341/3351/387 integral alternator regulator integrated circuit
provides the voltage regulation for automotive, 3−phase alternators.
It drives an external power Darlington for control of the alternator
field current. In the event of a charge fault, a lamp output pin is
provided to drive an external darlington transistor capable of
switching on a fault indicator lamp. An overvoltage or no STATOR
signal condition activates the lamp output.
The CS3341 and CS3351 are available in SOIC−14 packages. The
CS387 is available as a Flip Chip.
For FET driver applications use the CS3361. Use of the CS3341,
CS3351 or CS387 with external FETs may result in oscillations.
Features
• Drives NPN Darlington
• Short Circuit Protection
• 80 V Load Dump
• Temperature Compensated Regulation Voltage
• Shorted Field Protection Duty Cycle, Self Clearing
• Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Value
Unit
Storage Temperature Range, TS
−55 to +165
°C
Junction Temperature Range
−40 to 150
°C
Continuous Supply
27
V
ICC Load Dump
400
mA
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 1)
230 peak
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. 60 second maximum above 183
°C.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
CS33x1
= Specific Device Code
x
4 or 5
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
WW
= Work Week
G
= Pb−Free Package
SOIC−14
D SUFFIX
CASE 751A
IGN
NC
NC
NC
STATOR
Lamp
Sense
OSC
114
VCC
NC
NC
GND
SC
DD
1
14
PIN CONNECTIONS
SOIC−14
MARKING
DIAGRAM
VCC
Sense
Stator
IGN
GND
NC
OSC
Lamp
DD
SC
Flip Chip, Bump Side Up
http://onsemi.com
CS33x1G
AWLYWW
1
14
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION


Similar Part No. - CS3341

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS3341 CHERRY-CS3341 Datasheet
157Kb / 6P
Alternator Voltage Regulator Darlington Driver
Rev. 4/15/99
logo
ON Semiconductor
CS3341 ONSEMI-CS3341 Datasheet
68Kb / 8P
Alternator Voltage Regulator Darlington Driver
August, 2002 ??Rev. 11
logo
Cherry Semiconductor Co...
CS3341YD14 CHERRY-CS3341YD14 Datasheet
157Kb / 6P
Alternator Voltage Regulator Darlington Driver
Rev. 4/15/99
logo
ON Semiconductor
CS3341YD14 ONSEMI-CS3341YD14 Datasheet
68Kb / 8P
Alternator Voltage Regulator Darlington Driver
August, 2002 ??Rev. 11
CS3341YD14 ONSEMI-CS3341YD14 Datasheet
78Kb / 8P
Alternator Voltage Regulator Darlington Driver
September, 2005 ??Rev. 12
More results

Similar Description - CS3341

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS3341 CHERRY-CS3341 Datasheet
157Kb / 6P
Alternator Voltage Regulator Darlington Driver
Rev. 4/15/99
CS3361 CHERRY-CS3361 Datasheet
139Kb / 5P
Alternator Voltage Regulator FET Driver
Rev. 1/29/99
logo
ON Semiconductor
CS3341 ONSEMI-CS3341 Datasheet
68Kb / 8P
Alternator Voltage Regulator Darlington Driver
August, 2002 ??Rev. 11
CS3361 ONSEMI-CS3361 Datasheet
66Kb / 8P
Alternator Voltage Regulator FET Driver
August, 2002 ??Rev. 10
CS3341 ONSEMI-CS3341_05 Datasheet
78Kb / 8P
Alternator Voltage Regulator Darlington Driver
September, 2005 ??Rev. 12
logo
Unisonic Technologies
UAC3092 UTC-UAC3092 Datasheet
132Kb / 9P
ALTERNATOR VOLTAGE REGULATOR
UAC3092A UTC-UAC3092A Datasheet
108Kb / 5P
ALTERNATOR VOLTAGE REGULATOR
UAC33092A UTC-UAC33092A Datasheet
187Kb / 5P
ALTERNATOR VOLTAGE REGULATOR
UAC33092 UTC-UAC33092_15 Datasheet
233Kb / 9P
ALTERNATOR VOLTAGE REGULATOR
logo
ON Semiconductor
CS3361 ONSEMI-CS3361_15 Datasheet
80Kb / 8P
Alternator Voltage Regulator FET Driver
March, 2015 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com