Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3361 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS3361
Description  Alternator Voltage Regulator FET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS3361 Datasheet(HTML) 3 Page - ON Semiconductor

  CS3361 Datasheet HTML 1Page - ON Semiconductor CS3361 Datasheet HTML 2Page - ON Semiconductor CS3361 Datasheet HTML 3Page - ON Semiconductor CS3361 Datasheet HTML 4Page - ON Semiconductor CS3361 Datasheet HTML 5Page - ON Semiconductor CS3361 Datasheet HTML 6Page - ON Semiconductor CS3361 Datasheet HTML 7Page - ON Semiconductor CS3361 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CS3361
www.onsemi.com
3
PACKAGE PIN DESCRIPTION
PIN NO.
PIN SYMBOL
FUNCTION
1
Driver
Output driver for external power switch.
2
GND
Ground.
3, 6, 7, 9, 13
NC
No Connection.
4
OSC
Timing capacitor for oscillator.
5
Lamp
Base driver for lamp driver indicates no stator signal or overvoltage condition.
8
IGN
Switched ignition power up.
10
Stator
Stator signal input for stator timer.
11
Sense
Battery sense voltage regulator comparator input and protection.
12
VCC
Supply for IC.
14
SC
Short circuit sensing.
MAXIMUM RATINGS
Rating
Value
Unit
Storage Temperature Range, TS
−55 to +165
°C
Junction Temperature Range
−40 to 150
°C
Continuous Supply
27
V
ICC Load Dump (@ VCC = 80 Vpeak)
400
mA
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 1)
260 peak
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. 60 second maximum above 183
°C.
PACKAGE THERMAL DATA
Parameter
SO−14
Unit
RΘJC
Typical
30
°C/W
RΘJA
Typical
125
°C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com