Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2841 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PAM2841
Description  1.5A SW CURRENT, 40V PRECISION WLED DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2841 Datasheet(HTML) 4 Page - Diodes Incorporated

  PAM2841 Datasheet HTML 1Page - Diodes Incorporated PAM2841 Datasheet HTML 2Page - Diodes Incorporated PAM2841 Datasheet HTML 3Page - Diodes Incorporated PAM2841 Datasheet HTML 4Page - Diodes Incorporated PAM2841 Datasheet HTML 5Page - Diodes Incorporated PAM2841 Datasheet HTML 6Page - Diodes Incorporated PAM2841 Datasheet HTML 7Page - Diodes Incorporated PAM2841 Datasheet HTML 8Page - Diodes Incorporated PAM2841 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
PAM2841
Document number: DSxxxxx Rev. 1 - 5
4 of 16
www.diodes.com
September 2013
© Diodes Incorporated
PAM2841
A Product Line of
Diodes Incorporated
Electrical Characteristics (@TA = +25°C, VEN = VDD =5.0V, 10 LEDs, unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Voltae Range
VDD
2.7
5.5
V
Quiescent Current
IQ
No Switching
200
300
µA
Shutdown Current
ISD
VENA = low
1
µA
Output Current
IO
R3 = 5.1Ω
40
mA
R3 = 6.8Ω
30
R3 = 10Ω
20
R3 = 20Ω
10
Output Voltage Range
VO
VIN x
1.1
40
V
Feedback Voltage
VFB
VENA = high
194
200
206
mV
SW On-Resistance
RDS(ON)
ISW = 100mA
0.35
0.5
Ω
SW Current Limit
ILIM
Switch On
1.5
A
SW Frequency
fSW
0.7
1.0
1.3
MHz
Maximum Duty Cycle
DC
95
%
Over Voltage Protection Threshold
OVP
Open Load
1.2
V
Enable Threshold Voltage
VEL
Chip Shutdown
0.4
V
VEH
Chip On
1.2
Under Voltage Lockout
UVLO
VIN falling
2.0
2.2
2.4
V
UVLO Hysterisis
VTH
0.2
V
Over Temperature Shutdown
OTS
150
°C
Over Temperature Hysterisis
OTH
30
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com