Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1356Q Datasheet(PDF) 21 Page - Diodes Incorporated

Part # ZXLD1356Q
Description  AUTOMOTIVE GRADE 60V 550mA LED DRIVER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1356Q Datasheet(HTML) 21 Page - Diodes Incorporated

Back Button ZXLD1356Q Datasheet HTML 17Page - Diodes Incorporated ZXLD1356Q Datasheet HTML 18Page - Diodes Incorporated ZXLD1356Q Datasheet HTML 19Page - Diodes Incorporated ZXLD1356Q Datasheet HTML 20Page - Diodes Incorporated ZXLD1356Q Datasheet HTML 21Page - Diodes Incorporated ZXLD1356Q Datasheet HTML 22Page - Diodes Incorporated ZXLD1356Q Datasheet HTML 23Page - Diodes Incorporated ZXLD1356Q Datasheet HTML 24Page - Diodes Incorporated ZXLD1356Q Datasheet HTML 25Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
ZXLD1356Q
Document number: DS37077 Rev. 2 - 2
21 of 28
www.diodes.com
October 2015
© Diodes Incorporated
ZXLD1356Q
Q
Application Information (Cont.)
Inductor Selection (Continued)
Figure 3. ZXLD1356Q Minimum Recommended Inductor
Diode Selection
For maximum efficiency and performance, the rectifier (D1) should be a fast low capacitance Schottky diode* with low reverse leakage at the
maximum operating voltage and temperature.
They also provide better efficiency than silicon diodes, due to a combination of lower forward voltage and reduced recovery time.
It is important to select parts with a peak current rating above the peak coil current and a continuous current rating higher than the maximum
output load current. It is very important to consider the reverse leakage of the diode when operating above +85°C. Excess leakage will increase
the power dissipation in the device and if close to the load may create a thermal runaway condition.
The higher forward voltage and overshoot due to reverse recovery time in silicon diodes will increase the peak voltage on the LX output. If a
silicon diode is used, care should be taken to ensure that the total voltage appearing on the LX pin including supply ripple, does not exceed the
specified maximum value.
*A suitable Schottky diode would be PDS3100Q (Diodes Inc).
Minimum R ecommended Inductor
2% Accuracy, <60°C Case Temperature
0
10
20
30
40
50
60
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Supply Voltage (V)
Legend
68uH
100uH
150uH
220uH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com