Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9760 Datasheet(PDF) 3 Page - 3M Electronics

Part # 9760
Description  3M??EMI/EMC Electronic Materials
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9760 Datasheet(HTML) 3 Page - 3M Electronics

  9760 Datasheet HTML 1Page - 3M Electronics 9760 Datasheet HTML 2Page - 3M Electronics 9760 Datasheet HTML 3Page - 3M Electronics 9760 Datasheet HTML 4Page - 3M Electronics 9760 Datasheet HTML 5Page - 3M Electronics 9760 Datasheet HTML 6Page - 3M Electronics 9760 Datasheet HTML 7Page - 3M Electronics 9760 Datasheet HTML 8Page - 3M Electronics 9760 Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
11
Product
Backing
Adhesive
Total
Thickness
mils (mm)
Features
3MMetallized Cloth
2191FR
Nickel on copper-plated
polyester ripstop fabric
Acrylic Conductive
5.5
(0.140)
Lightweight, conformable, oxidation resistant and high strength for
EMI shielding and grounding. Easily die cut.
AG-0927
Silver-coated polyester
fabric
Acrylic Conductive
4.3
(0.110)
Lightweight, conformable, oxidation resistant and high strength for
EMI shielding and grounding. Easily die cut.
AU-2190
Gold-coated polyester
fabric
Acrylic Conductive
4.3
(0.110)
Lightweight, conformable, oxidation resistant and high strength for
EMI shielding and grounding. Easily die cut.
X-7001
Copper-plated polyester
ripstop fabric
Acrylic Conductive
Coated on Both Sides
4.3
(0.110)
Typically used to bond two surfaces, both physically and electrically.
Also can provide EMI shielding, static charge draining, grounding.
Lightweight, conformable and easily die cut.
CN 3190
Nickel on copper-plated
polyester ripstop fabric
Acrylic Conductive
4.3
(0.110)
Lightweight, conformable, oxidation
resistant and high strength for EMI shielding and grounding.
CN3490
Non-woven
copper-nickel fabric
Acrylic Conductive
2.4
(.06)
Lightweight, thin, conformable non-woven fabric. Ideal for shielding,
grounding, and static dissipation. Easily die cut.
CN4490
Non-woven
copper-nickel fabric
Double Coated
Acrylic Conductive
2.0
(.05)
Double coated with adhesive. Lightweight, thin, conformable non-
woven fabric. Ideal for shielding, grounding, and static dissipation.
Ideal for use as a thin, conductive, repositionable gasket material.
Easily die cut.
CEF-6**
Cu/Ni plated fabric
Acrylic Conductive
coated on both sides
5.5
(0.14)
Bonding and grounding two surfaces. EMI shielding, static discharge
draining. Flexible and conformable design.
CEF-6R **
Cu/Ni plated fabric
Acrylic Conductive
coated on both sides
4.7
(0.12)
Bonding and grounding two surfaces. EMI shielding, static discharge
draining. Flexible and conformable design.
CEF-1**
Cu/Ni plated fabric
Acrylic Conductive
4.3
(0.11)
Bonding and grounding two surfaces. EMI shielding, static discharge
draining. Flexible and conformable design.
CEF-3**
Cu/Ni plated fabric
Acrylic Conductive
4.7
(0.12)
Bonding and grounding two surfaces. EMI shielding, static discharge
draining. Flexible and conformable design.
CEF-8**
Cu/Ni plated fabric
Acrylic Conductive
coated on both sides
3.0
(0.075)
Bonding and grounding two surfaces. EMI shielding, static discharge
draining. Flexible and conformable design.
CEF-3T**
CEF-3B**
Cu/Ni plated fabric
Acrylic Conductive
2.4 (0.06)
Grey
2.4 (0.06)
Black
Bonding and grounding two surfaces. EMI shielding, static discharge
draining. Flexible and conformable design.
3MEMI Shielding Sheets and Films
CU-10S**
Epoxy FR film
+ copper foil
None
6.7
(0.170)
Softened copper foil with flame-retardant film on one side. Excellent
EMI shielding for PCBs and assemblies. Lightweight, flexible and
easily die cut.
**Products are special order in the USA. Please contact your 3M sales support for details.
3M offers a wide range of EMI/RFI
shielding tapes and absorbing materials,
mesh and sleeving products, gaskets and
conductive materials.
3M EMI/EMC Solutions
Foil and Fabric Tapes
Hard Coating Layer
ITO Layer
LCD Glass
Driver LC
AL39UL
EMI Custom Foil Tape Solutions
• Shielding
• Grounding
• ESD Protection
• Conformability
• Ease of use in assembly
• Customized thickness
* For 3M custom solutions please contact your
local 3M product specialist. Products are
special order. AL39UL and 3006ALB.
Customized XY and XYZ Foil & Fabric Tape Options
Typical Product Constructions
Type 30 Adhesive
Nonwoven Embedded
Adhesive
Black/Copper Foil
Release Liner
3006CUBC
Black PET/AL Foil Laminate
Release Liner
AL39UL
XY-axis Conductivity
XYZ-axis Conductivity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com