Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1356QDACTC Datasheet(PDF) 23 Page - Diodes Incorporated

Part # ZXLD1356QDACTC
Description  AUTOMOTIVE GRADE 60V 550mA LED DRIVER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1356QDACTC Datasheet(HTML) 23 Page - Diodes Incorporated

Back Button ZXLD1356QDACTC Datasheet HTML 19Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 20Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 21Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 22Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 23Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 24Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 25Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 26Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 27Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
ZXLD1356Q
Document number: DS37077 Rev. 2 - 2
23 of 28
www.diodes.com
October 2015
© Diodes Incorporated
ZXLD1356Q
Q
Application Information (Cont.)
Thermal Compensation of Output Current
High luminance LEDs often need to be supplied with a temperature compensated current in order to maintain stable and reliable operation at all
drive levels. The LEDs are usually mounted remotely from the device. For this reason, the temperature coefficients of the internal circuits for the
ZXLD1356Q have been optimized to minimize the change in output current when no compensation is employed. If output current compensation
is required, it is possible to use an external temperature sensing network - normally using Negative Temperature Coefficient (NTC) thermistors
and/or diodes, mounted very close to the LED(s). The output of the sensing network can be used to drive the ADJ pin in order to reduce output
current with increasing temperature.
Layout Considerations
LX pin
The LX pin of the device is a fast switching node, so PCB tracks should be kept as short as possible. To minimize ground 'bounce', the ground
pin of the device should be soldered directly to the ground plane.
Coil and Decoupling Capacitors and Current Sense Resistor
It is particularly important to mount the coil and the input decoupling capacitor as close to the device pins as possible to minimize parasitic
resistance and inductance, which will degrade efficiency. It is also important to minimize any track resistance in series with current sense resistor
RS. Its best to connect VIN directly to one end of RS and Isense directly to the opposite end of RS with no other currents flowing in these tracks. It
is important that the cathode current of the Schottky diode does not flow in a track between RS and VIN as this may give an apparent higher
measure of current than is actual because of track resistance.
ADJ Pin
The ADJ pin is a high impedance input for voltages up to 1.35V so, when left floating, PCB tracks to this pin should be as short as possible to
reduce noise pickup. A 100nF capacitor from the ADJ pin to ground will reduce frequency modulation of the output under these conditions. An
additional series 3.3kΩ resistor can also be used when driving the ADJ pin from an external circuit (see below). This resistor will provide filtering
for low frequency noise and provide protection against high voltage transients.
High Voltage Tracks
Avoid running any high voltage tracks close to the ADJ pin, to reduce the risk of leakage currents due to board contamination. The ADJ pin is
soft-clamped for voltages above 1.35V to desensitize it to leakage that might raise the ADJ pin voltage and cause excessive output current.
However, a ground ring placed around the ADJ pin is recommended to minimize changes in output current under these conditions.
Evaluation Boards
ZXLD1356 evaluation boards are available on request, which have connection terminals that allow customers to connect their own LED products
to the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com