Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Series Datasheet(PDF) 9 Page - 3M Electronics

Part # Series
Description  3M™ EMI/EMC Electronic Materials
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

Series Datasheet(HTML) 9 Page - 3M Electronics

Back Button Series Datasheet HTML 4Page - 3M Electronics Series Datasheet HTML 5Page - 3M Electronics Series Datasheet HTML 6Page - 3M Electronics Series Datasheet HTML 7Page - 3M Electronics Series Datasheet HTML 8Page - 3M Electronics Series Datasheet HTML 9Page - 3M Electronics Series Datasheet HTML 10Page - 3M Electronics Series Datasheet HTML 11Page - 3M Electronics Series Datasheet HTML 12Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
5
3M™ EMI Custom Foil Tape
AL39UL/3006ALB
3M EMI Absorbers AB5100/AB6005/
AB7050 to reduce EMI noise within device.
3M™ Flux Field Directional
Material AB5016RF/RFIC15 for
improved NFC & RFID performance.
3M Flux Field Directional Material
RFIC/EM16TF/EM80KM for
improved Wireless Power Efficiency.
Hard Coating Layer
ITO Layer
LCD Glass
Driver LC
AL39UL
3M™ EMI Absorbers AB5100/AB6005/AB7050
to reduce EMI noise level on flex/connector.
B
z
Is Grounding Bias degrading your antenna or data flex signal to
noise (S/N) performance?
Problem
Solution
Electrical Bias Degrades
Performance
Poor Antenna or Data Flex
Signal/Noise ratio
Effectively
Ground Device
Optimized Signal/Noise Ratio
Grounding
not
effective
Antenna
Signal Data Flex
+2.0 V
+0.0 V Ground
Internal Device Bias
No Device Bias
Antenna
Signal Data Flex
+0.0 V
+0.0 V Ground
Assembly
optimized for
grounding
using
3M ECATT
Grounding
not
effective
Antenna
Signal Data Flex
+2.0 V
+0.0 V Ground
Internal Device Bias
No Device Bias
Antenna
Signal Data Flex
+0.0 V
+0.0 V Ground
Assembly
optimized for
grounding
using
3M ECATT
If device is not well grounded, the
“bias” voltage in the device acts as
a “transmitter” of a signal that the
signal line flex, antenna flex, etc. pick
up, leading to poor S/N performance
and higher error rates.
Device is well grounded so the “bias” voltage
in the device is “baseline” and no “RF signal”
is emitted. Optimized Antenna and data flex
S/N performance.
3M ECATT 9707, 9709S, 9720S and 9750



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com