Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB025SP Datasheet(PDF) 3 Page - STMicroelectronics

Part # VB025SP
Description  HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB025SP Datasheet(HTML) 3 Page - STMicroelectronics

  VB025SP Datasheet HTML 1Page - STMicroelectronics VB025SP Datasheet HTML 2Page - STMicroelectronics VB025SP Datasheet HTML 3Page - STMicroelectronics VB025SP Datasheet HTML 4Page - STMicroelectronics VB025SP Datasheet HTML 5Page - STMicroelectronics VB025SP Datasheet HTML 6Page - STMicroelectronics VB025SP Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CONNECTION DIAGRAM
PIN FUNCTION
No
NAME
FUNCTION
1-5
GND
Emitter Power Ground
6
GND
Control Ground (*)
7VCC
Logic Supply Voltage
8
BD
Base Darlington
9
INPUT
Logic Input Channel (Internal Pull Down)
10
FLAG
Diagnostic Output Signal (Open Emitter)
TAB
HVC
Primary Coil Output Driver (Open Collector)
(*) Pin 6 must be connected to pins 1-5 externally
ELECTRICAL CHARACTERISTICS (5.3V < Vb < 24V; VCC = 5 V
± 10%; -40oC < Tj < 125oC;
Rcoil = 580 m
Ω; Lcoil = 3.75 mH; unless otherwise specified; see note 1)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vcl
High Voltage Clamp
Icoil = 6.5 A
320
380
420
V
Vce(sat)
Saturation Voltage of The
Power Stage
Ic = 6.5A;
Vin = 4V
1.5
2
V
ICC(stdby)
Stand-by Supply Current
IN = OFF
10
mA
ICC
DC Logic Current
Vb = 16 V
Ic = 6.5 A f = 100 Hz
Load = Coil
VCC = 5.5V
40
mA
ICC(peak)
Peak DC Logic Current
During On Phase
Ic = 6.5 A
(see figure 1)
100
150
mA
VCC
DC Logic Voltage
4.5
5.5
V
Icl
Coil Current Limit
-40
oC < Tj < 125oC
(see note 2 and figure 1)
8.25
10
A
Ic(leak)
Output leakage Current
IN = OFF
VHVC = 24V
0.8
mA
IC(infl)
Collector Current with
Floating Input
VCC = 5 V
VBat = 13.5 V
RLOAD = 1K
Ω;
Input Floating
0.8
mA
TIc_ctr
Thermal Temperature
Output Current Control
OUT = ON
(see figure 2)
150
(*)
oC
VB025SP
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com