Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8225 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # VT8225
Description  Clock Generator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8225 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  VT8225 Datasheet HTML 1Page - List of Unclassifed Manufacturers VT8225 Datasheet HTML 2Page - List of Unclassifed Manufacturers VT8225 Datasheet HTML 3Page - List of Unclassifed Manufacturers VT8225 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VIA Technologies, Inc.
VT8225
-2-
VT8225 Signal Description
Symbol Pin No.
Type
Functions
X1
X2
2
3
I
I/O
These pins form an on-chip reference oscillator when connected to
terminals of an external parallel resonant crystal (norminally
14.318Mhz). X1 may also serve as input for an externally
generated reference signal.
S0
S1
S2
S3
4
5
10
9
I
I
I
I
Frequency select inputs. These inputs control the MCLK frequency
selection. All these inputs have internal pull-ups. Table 1 below
shows the output frequency selection conditions.
MCLK
8
O
Master clock output. Programmable output frequencies can
be selected using So-S3.
RESET#
11
O
Chip reset, negative true.
TS
1
I
Tri-state input pin. When high, all outputs are tri-stated. When low
outputs are enabled. This pin has an internal pull-down.
OSC
13
O
14.31818 Mhz output. Buffered output of on-chip reference
oscillaor or externally provided reference.
PD
6
O
This is the phase detector output for the clock generator. It is
single-ended, tri-state output for use as loop error signal. A 0.1uF
capacitor to ground should be connected from this pin to form the
loop filter.
VSS
7
Ground
Digital Negative power supply.
AVSS
12
Ground
Analog Negative power supply.
VDD
14
Power
Positive power supply.
MCLK FREQUENCY SELECTION
INPUTS
MCLK OUTPUT
S2
S1
S0
S3=1 (Bank 1)
S3=0 (Bank 0)
0
0
0
8 Mhz
16 Mhz
0
0
1
20 Mhz
40 Mhz
0
1
0
25 Mhz
50 Mhz
0
1
1
40 Mhz
80 Mhz
1
0
0
33.3 Mhz
66.6 Mhz
1
0
1
50 Mhz
100 Mhz
1
1
0
4 Mhz
8 Mhz
1
1
1
2 Mhz
4 Mhz
Table 1 clock frequency selection
Note : The smooth transition of frequency change is only allowed within the same selection bank.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com