Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC61C Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC61C
Description  Low Voltage Detectors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC61C Datasheet(HTML) 1 Page - Torex Semiconductor

  XC61C Datasheet HTML 1Page - Torex Semiconductor XC61C Datasheet HTML 2Page - Torex Semiconductor XC61C Datasheet HTML 3Page - Torex Semiconductor XC61C Datasheet HTML 4Page - Torex Semiconductor XC61C Datasheet HTML 5Page - Torex Semiconductor XC61C Datasheet HTML 6Page - Torex Semiconductor XC61C Datasheet HTML 7Page - Torex Semiconductor XC61C Datasheet HTML 8Page - Torex Semiconductor XC61C Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1/19
XC61C ETR0201_004
GENERAL DESCRIPTION
The XC61C series are highly precise, low power
consumption voltage detectors, manufactured using
CMOS and laser trimming technologies.
Detect voltage is extremely accurate with minimal
temperature drift.
Both
CMOS
and
N-channel
open
drain
output
configurations are available.
APPLICATIONS
Microprocessor reset circuitry
Memory battery back-up circuits
Power-on reset circuits
Power failure detection
System battery life and charge voltage monitors
TYPICAL PERFORMANCE CHARACTERISTICS
FEATURES
Highly Accurate
: ± 2%
(Low Voltage VD: 0.8V~1.5V)
(Standard Voltage VD: 1.6V~6.0V)
± 1%
(Standard Voltage VD: 2.6V~5.0V)
Low Power Consumption : 0.7μA (TYP.) [VIN=1.5V]
Detect Voltage Range
:0.8V ~ 6.0V in 100mV increments
Operating Voltage Range :0.7V ~ 6.0V (Low Voltage)
0.7V~10.0V (Standard Voltage)
Detect Voltage Temperature Characteristics
: ±100ppm/℃ (TYP.) @Ta=25 OC
Output Configuration
: N-channel open drain or CMOS
Ultra Small Packages
: SSOT-24 (150mW)
SOT-23 (250mW)
SOT-25 (250mW)
SOT-89 (500mW)
TO-92 (300mW)
USP-6B (100mW)
USP-6C (100mW)
USP-4 (120mW)
CMOS
Highly Accurate:±1% (VDF=2.6V~5.0V)
±
2% (VDF=0.8V~6.0V)
Low Power Consumption: 0.7μA
(VIN=1.5V)
TYPICAL APPLICATION CIRCUITS


Similar Part No. - XC61C

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61C TOREX-XC61C Datasheet
758Kb / 17P
Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
XC61C TOREX-XC61C Datasheet
608Kb / 16P
Low Voltage Detectors (VDF= 0.8V~1.5V) Standard Voltage Detectors (VDF 1.6V~6.0V)
016
XC61C0801MR TOREX-XC61C0801MR Datasheet
655Kb / 17P
Low Voltage Detectors Standard Voltage Detectors
XC61C0801MR-G TOREX-XC61C0801MR-G Datasheet
655Kb / 17P
Low Voltage Detectors Standard Voltage Detectors
XC61C0801NR TOREX-XC61C0801NR Datasheet
655Kb / 17P
Low Voltage Detectors Standard Voltage Detectors
More results

Similar Description - XC61C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
168Kb / 9P
Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
VOLTAGE DETECTORS
82CXX_1112 UTC-82CXX_1112 Datasheet
396Kb / 20P
VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
VOLTAGE DETECTORS
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
Low Voltage Detectors Standard Voltage Detectors
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
914Kb / 9P
Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
VOLTAGE DETECTORS
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
VOLTAGE DETECTORS
logo
Pericom Semiconductor C...
PT7M6101 PERICOM-PT7M6101 Datasheet
199Kb / 5P
Ultra Low Voltage Detectors
PT7M6832 PERICOM-PT7M6832 Datasheet
428Kb / 12P
Ultra Low Voltage Detectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com