Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP389X Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP389X
Description  Enhanced Multi-touch Capacitive Touch Screen Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP389X Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP389X Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP389X Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP389X Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP389X Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP389X Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP389X Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP389X Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP389X Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP389X Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Data Sheet
Enhanced Multi-touch Capacitive Touch Screen Controller
AP389X
Apr. 2013
Rev. 1. 0
BCD Semiconductor Manufacturing Limited
1
General Description
The AP389X is a low-cost high-resolution single chip
solution for APA capacitive touch screen. It is an
8-bit single cycle 8051 microcontroller with I
2C
Interface.
The
chip
includes
8-bit
successive
approximation analog-to-digital converters with an
I
2C interface and multiplexer-switcher circuits for
flexible measurement of analog signal from APA
panel. An accurate switched-capacitor integrator is
built-in and it can auto calibrate the pixel parameters
for a wide range of capacitance on the touch screen
(0.1pF to 4pF). On-chip capacitor can replace
external component. This touch screen controller
(TSC) with CMOS integration circuit provides an
ideal choice for APA touch panel. The AP389X is
specified over the temperature range of -40°C to
95°C.
The AP389X is available in QFN-7×7-56 (for
AP3890) and QFN-8×8-68 (for AP3891 and AP3892)
packages.
Features
•
Mutual Capacitive Touch Sensing
•
Dual Power Supply: 2.8V to 3.6V Operation
Voltage; 1.6V to 2.0V Operation Voltage
•
Up to 30/38/36 Drive Lines and 17/22/23 Sense
Lines
•
Dedicated Internal Two-wire Serial Control Bus
I
2C and UART between AP389X and Host
•
Single-end Integrator with Programmable Gain
Control and Offset Control
•
Multiplexed Analog Digitization with Two 8-bit
Resolution Odd/Even Scan SAR ADCs and Its
Dedicated 2X to 8X Accumulator XSRAM
Buffers
Features (Continued)
•
Single Cycle 8051 CPU Core, Maximum Opera-
ting Clock up to 24MHz from IOSC (Zero Wait
State); 48MHz from IOSC(With Wait State)
4MHz to 48MHz Internal Oscillator (IOSC)
64K-byte Flash ROM
256-byte
Internal
SRAM
and
12032-byte
XSRAM
Extra XSRAMs for AFE:
896×12-bit×2 XSRAM for 8-bit SAR ADC
896×8-bit XSRAM for 8-bit Parasitical
Capacitor Compensator
Two 16-bit Timers T0/T1 and One 16-bit ECT
Timer T2
One I
2C Slave Controller and One I2C Master
Controller Shared with the Same Port
With Asynchronous I
2C Slave Address
Detection Logic Design
4 General Purpose GPIO Pins
One External Interrupt Pin
One UART Data Transfer Output Pin
•
ISP/IAP via I²C Port
•
Operation Temperature Range: -40°C to 95°C
•
Package Types: QFN-7×7-56 and QFN-8×8-68
•
RoHS Compliance
•
Operating Mode:
Mode
Description
Power-down
No scan with power-down mode
Standard
Higher scan rate when fingers are
on panel, IOSC can up to 4MHz
to 48MHz
Applications
•
Mobile Phones
•
Personal Digital Assistants
•
Smart Hand-held or Gaming Devices
Figure 1. Package Types of AP389X
QFN-7×7-56
QFN-8×8-68


Similar Part No. - AP389X

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
AP389 TELEDYNE-AP389 Datasheet
173Kb / 2P
TO-8 CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
AP3897 ETC-AP3897 Datasheet
155Kb / 1P
DO-35 Case
AP3898 ETC-AP3898 Datasheet
155Kb / 1P
DO-35 Case
More results

Similar Description - AP389X

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
Touch Screen Controller
logo
Texas Instruments
ADS7846IRGVRG4 TI1-ADS7846IRGVRG4 Datasheet
1Mb / 30P
TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7846NG4 BURR-BROWN-ADS7846NG4 Datasheet
1Mb / 30P
TOUCH SCREEN CONTROLLER
logo
Diodes Incorporated
AP386X DIODES-AP386X Datasheet
649Kb / 16P
Superior Multi-touch Capacitive Touch Screen Controller
Rev 1
logo
BCD Semiconductor Manuf...
AUR3852 BCDSEMI-AUR3852 Datasheet
874Kb / 17P
Enhanced Multi-touch Capacitive Touch Screen Controller
CS5519 BCDSEMI-CS5519 Datasheet
372Kb / 17P
Enhanced Multi-touch Capacitive Touch Screen Controller
logo
Pixart Imaging Inc.
PCT1339 PIXART-PCT1339 Datasheet
1Mb / 25P
Multi-Touch Capacitive Touch Controller
logo
List of Unclassifed Man...
FT5506 ETC2-FT5506 Datasheet
684Kb / 26P
True Multi-Touch Capacitive Touch Panel Controller
FT5X06 ETC1-FT5X06 Datasheet
4Mb / 21P
True Multi-Touch Capacitive Touch Panel Controller
ILI2113A ETC-ILI2113A Datasheet
456Kb / 14P
Capacitive Touch Controller
V1.09 March 06,2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com