Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3036 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AP3036
Description  WHITE LED STEP-UP CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3036 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AP3036 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3036 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3036 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3036 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3036 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3036 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3036 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3036 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3036 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Preliminary Datasheet
WHITE LED STEP-UP CONVERTER
AP3036/A
Jul. 2012
Rev. 1.3.
BCD Semiconductor Manufacturing Limited
2
SW
GND
FB
CTRL
VOUT
VIN
1
2
34
5
Pin 1 Dot by Marking
6
Pin Configuration
K/KT Package
(SOT-23-6/TSOT-23-6)
Figure 2. Pin Configuration of AP3036/A (Top View)
Pin Description
Pin Number
Pin Name
Function
1
SW
Switch pin. Connect external inductor
2
GND
Ground
3
FB
Voltage feedback pin. The reference voltage is 200mV for AP3036
and 250mV for AP3036A
4
CTRL
Shutdown and dimming pin. Connect to 1.8V or higher to enable
device; Connect to 0.4V or less to disable device; Connect to a PWM
signal to achieve LEDs brightness dimming
5
VOUT
Output pin. Connect to the cathode of internal Schottky diode
6
VIN
Input supply pin. Must be connected to a local bypass capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com