Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3041 Datasheet(PDF) 13 Page - BCD Semiconductor Manufacturing Limited

Part # AP3041
Description  Boost Controller for WLED Driver in Medium-sized LCD Panel
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3041 Datasheet(HTML) 13 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3041 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Data Sheet
Boost Controller for WLED Driver in Medium-sized LCD Panel
AP3041
Oct. 2012 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
13
Mechanical Dimensions
SOIC-16
Unit: mm(inch)
7°
5.800(0.228)
6.240(0.246)
0.330(0.013)
0.510(0.020)
20:1
A
1.350(0.053)
1.750(0.069)
1.250(0.049)
1.650(0.065)
7°
0°
8°
B
C
S 1.000(0.039)
0.200(0.008)
20:1
B
C
50:1
C-C
0.200(0.008)
0.250(0.010)
0.400(0.016)
1.270(0.050)
0.250(0.010)
Depth 0.200(0.008)
0.250(0.010)
0.050(0.002)
R0.200(0.008)
R0.200(0.008)
A
3.800(0.150)
4.040(0.159)
3°
8°
9.5°
8°
8°
7°
0.400(0.016)×45°
Note: Eject hole, oriented hole and mold mark is optional.
φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com