Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1370Q Datasheet(PDF) 21 Page - Diodes Incorporated

Part # ZXLD1370Q
Description  AUTOMOTIVE COMPLIANT 60V HIGH ACCURACY
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370Q Datasheet(HTML) 21 Page - Diodes Incorporated

Back Button ZXLD1370Q Datasheet HTML 17Page - Diodes Incorporated ZXLD1370Q Datasheet HTML 18Page - Diodes Incorporated ZXLD1370Q Datasheet HTML 19Page - Diodes Incorporated ZXLD1370Q Datasheet HTML 20Page - Diodes Incorporated ZXLD1370Q Datasheet HTML 21Page - Diodes Incorporated ZXLD1370Q Datasheet HTML 22Page - Diodes Incorporated ZXLD1370Q Datasheet HTML 23Page - Diodes Incorporated ZXLD1370Q Datasheet HTML 24Page - Diodes Incorporated ZXLD1370Q Datasheet HTML 25Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
ZXLD1370Q
Document number: DS37117 Rev. 1 - 2
21 of 37
www.diodes.com
August 2015
© Diodes Incorporated
ZXLD1370Q
Application Information (cont.)
Resistive Power Losses
The resistive power losses are calculated using the RMS transistor current and the MOSFET on-resistance.
Calculate the current for the different topologies as follows:
Buck Mode
LED
MAX
MAX
MOSFET
I
x
D
I
Boost / Buck-Boost Mode
i
D
1
D
I
LED
MAX
MAX
MAX
MOSFET
The approximate RMS current in the MOSFET will be:
Buck Mode
D
I
I
LED
RMS
MOSFET
Boost / Buck-Boost Mode
LED
RMS
MOSFET
I
x
D
1
D
I
The resistive power dissipation of the MOSFET is:
ON
DS
2
RMS
MOSFET
RESISTIVE
R
x
I
P
Switching Power Losses
Calculating the switching MOSFET's switching loss depends on many factors that influence both turn-on and turn-off. Using a first order rough
approximation, the switching power dissipation of the MOSFET is:
GATE
LOAD
sw
IN
2
RSS
SWITCHING
I
I
x
f
x
V
x
C
P
Where
CRSS is the MOSFET's reverse-transfer capacitance (a data sheet parameter),
fSW is the switching frequency,
IGATE is the MOSFET gate-driver's sink/source current at the MOSFET's turn-on threshold.
Matching the MOSFET with the controller is primarily based on the rise and fall time of the gate voltage. The best rise/fall time in the application
is based on many requirements, such as EMI (conducted and radiated), switching losses, lead/circuit inductance, switching frequency, etc. How
fast a MOSFET can be turned on and off is related to how fast the gate capacitance of the MOSFET can be charged and discharged. The
relationship between C (and the relative total gate charge Qg), turn-on/turn-off time and the MOSFET driver current rating can be written as:
I
Qg
I
C
dV
dt
where
dt = turn-on/turn-off time
dV = gate voltage
C = gate capacitance = Qg/V
I = drive current
– constant current source (for the given voltage value)
Here the constant current source” I ” usually is approximated with the peak drive current at a given driver input voltage.
(Example 1)
Using the DMN6068 MOSFET (VDS(MAX) = 60V, ID(MAX) = 8.5A):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com