Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U1281A Datasheet(PDF) 17 Page - Keysight Technologies

Part # U1281A
Description  U1280 Series Handheld Digital Multimeters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1281A Datasheet(HTML) 17 Page - Keysight Technologies

Back Button U1281A Datasheet HTML 10Page - Keysight Technologies U1281A Datasheet HTML 11Page - Keysight Technologies U1281A Datasheet HTML 12Page - Keysight Technologies U1281A Datasheet HTML 13Page - Keysight Technologies U1281A Datasheet HTML 14Page - Keysight Technologies U1281A Datasheet HTML 15Page - Keysight Technologies U1281A Datasheet HTML 16Page - Keysight Technologies U1281A Datasheet HTML 17Page - Keysight Technologies U1281A Datasheet HTML 18Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
17 | Keysight | U1280 Series Handheld Digital Multimeters - Data Sheet
Optional accessories
U1161A extended test lead kit
Includes two test leads (red and black), two test probes, medium sized alligator clips
and 4-mm banana plugs.
– Test leads: CAT III 1000 V, CAT IV 600 V, 15 A
– Test probe (4-mm tips): CAT III 1000 V, CAT IV 600 V, 15 A
– Medium-sized alligator clips: CAT III 1000 V, CAT IV 600 V, 15 A
– 4-mm banana plugs: CAT II 600 V, 10 A
U1168B standard test lead kit
Includes two test leads (red and black), 4-mm test probes, alligator clips,
fine-tip test probes, SMT grabbers and mini grabber (black).
– Test leads: CAT III 1000 V, CAT IV 600 V, 15 A
– Test probe (19-mm tips): CAT II 1000 V, 15 A
– Test probe (4-mm tips): CAT III 1000 V, CAT IV 600 V, 15 A
(highly recommended for CAT IV environment)
– Alligator clips: CAT III 1000 V, CAT IV 600 V, 15 A
– Fine-tip test p[robes: CAT II 300 V, 3 A
– SMT grabber: CAT II 300 V, 3 A
– Mini grabber: CAT II 300 V, 3 A
U1180A temperature sensors and probes
Includes thermocouple adapter, thermocouple bead J-type and thermocouple bead K-type.
– T/C adapter J/K type
– T/C bead J-type: –20 to 200 °C
– T/C bead K-type: –20 to 200 °C
U1181A immersion temperature probe
– Type K T/C for use in oil and other liquids
– Measurement range: –50 to 700 °C
– Includes adapter U1184A for connection to DMM
U1182A industrial surface temperature probe
– Type K T/C for use on still surfaces
– Measurement range: –50 to 400 °C
– Includes adapter U1184A for connection to DMM
U1183A air temperature probe
– Type K T/C for use in air and non-caustic gas
– Measurement range: –50 to 800 °C
– Includes adapter U1184A for connection to DMM
U1184A temperature probe adapter
– Mini-connector-to-banana-plug adapter for use with DMM
U1185A thermocouple (J-type) and temperature probe adapter
– T/C adapter J/K type
– T/C bead J-type: –20 to 200 °C
U1186A thermocouple (K-type) and temperature probe adapter
– T/C adapter J/K type
– T/C bead J-type: –20 to 200 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com