Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGSF18DM20 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # BGSF18DM20
Description  SP8T Antenna Switch Module with integrated SPI controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGSF18DM20 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button BGSF18DM20 Datasheet HTML 9Page - Infineon Technologies AG BGSF18DM20 Datasheet HTML 10Page - Infineon Technologies AG BGSF18DM20 Datasheet HTML 11Page - Infineon Technologies AG BGSF18DM20 Datasheet HTML 12Page - Infineon Technologies AG BGSF18DM20 Datasheet HTML 13Page - Infineon Technologies AG BGSF18DM20 Datasheet HTML 14Page - Infineon Technologies AG BGSF18DM20 Datasheet HTML 15Page - Infineon Technologies AG BGSF18DM20 Datasheet HTML 16Page - Infineon Technologies AG BGSF18DM20 Datasheet HTML 17Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
BGSF18DM20
SP8T Antenna Switch Module
Pin Definition and Package Outline
Data Sheet
13
Revision 2.
4, 2013-05-31
5
Pin Definition and Package Outline
Table 4
Pin Configuration
Pin No.
Name
Pin
Type
Buffer
Type
Function
1
TRX_3
WCDMA TRX-port
2
TRX_2
WCDMA TRX-port
3
TRX_1
WCDMA TRX-port
4
GND
Ground
5
GND
Ground
6
HB_TX
High Band GSM TX-port
7
GND
Ground
8
LB_TX
Low Band GSM TX-port
9
GND
Ground
10
GND_LB
Ground Lowband
11
ANT
Antenna Port
12
GND
Ground
13
SDIO
SPI Data
14
SCL
SPI Clock
15
FRM
SPI Frame
16
LVDD
SPI Supply Voltage
17
VDD
Supply Voltage
18
TRX_6
WCDMA TRX-port
19
TRX_5
WCDMA TRX-port
20
TRX_4
WCDMA TRX-port
Table 5
Mechanical Data
Parameter
Symbol
Value
Unit
Package size
Size
3.2 x 2.8
mm
Package height
H
0.99
mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com