Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPIS_LP Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NPIS_LP
Description  NPIS Shielded Power Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS_LP Datasheet(HTML) 5 Page - NIC-Components Corp.

  NPIS_LP Datasheet HTML 1Page - NIC-Components Corp. NPIS_LP Datasheet HTML 2Page - NIC-Components Corp. NPIS_LP Datasheet HTML 3Page - NIC-Components Corp. NPIS_LP Datasheet HTML 4Page - NIC-Components Corp. NPIS_LP Datasheet HTML 5Page - NIC-Components Corp. NPIS_LP Datasheet HTML 6Page - NIC-Components Corp. NPIS_LP Datasheet HTML 7Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
®
Specifications are subject to change
NPIS__LP Series
NPIS Shielded Power Inductors
Maximum +40°C temperature rise at Irms. Maximum -30% inductance drop from initial measured value at Isat.
NPIS48LP Size
Maximum +40°C temperature rise at Irms. Maximum -30% inductance drop from initial measured value at Isat.
NPIS41LP Size
Series
Standard Values - Case Size 41 (4.0×4.0×1.2mm)
Inductance
(μH)
Test
Conditions
DCR
(Ω)
Isat (Amps)
Irms (Amps)
SRF (MHz)
Max.
Typ.
Max.
Max.
Min.
NPIS41LPR47MTRF
0.47 ± 20%
100KHz, 1V
0.032
0.02
3.5
2.9
193
NPIS41LPR82MTRF
0.82 ± 20%
0.042
0.035
3.0
2.5
121
NPIS41LP1R0MTRF
1.0 ± 20%
0.050
0.042
2.8
2.2
100
NPIS41LP1R5MTRF
1.5 ± 20%
0.05
0.042
2.1
2.2
72
NPIS41LP1R8MTRF
1.8 ± 20%
0.066
0.055
2.1
2.0
73
NPIS41LP2R2MTRF
2.2 ± 20%
0.066
0.055
1.7
2.0
61
NPIS41LP2R7MTRF
2.7 ± 20%
0.084
0.070
1.9
1.7
57
NPIS41LP3R3MTRF
3.3 ± 20%
0.084
0.070
1.4
1.7
55
NPIS41LP3R6MTRF
3.6 ± 20%
0.09
0.075
1.2
1.7
49
NPIS41LP4R3MTRF
4.3 ± 20%
0.108
0.09
1.2
1.5
42
NPIS41LP4R7MTRF
4.7 ± 20%
0.108
0.09
1.2
1.8
39
NPIS41LP5R1MTRF
5.1 ± 20%
0.132
0.110
1.2
1.4
35
NPIS41LP5R6MTRF
5.6 ± 20%
0.132
0.110
1.1
1.4
35
NPIS41LP6R8MTRF
6.8 ± 20%
0.150
0.125
0.9
1.3
33
NPIS41LP100MTRF
10 ± 20%
0.204
0.170
0.8
1.1
27
Series
Standard Values - Case Size 48 (4.0×4.0×1.8mm)
Inductance (μH)
Test Conditions
DCR
(Ω)
Isat (Amps)
Irms (Amps)
SRF (MHz)
± 20%
Max.
Max.
Min.
NPIS48LP1R0MTRF
1.0 ± 20%
100KHz, 1V
0.027
4.00
3.20
90
NPIS48LP1R5MTRF
1.5 ± 20%
0.031
3.60
2.95
70
NPIS48LP2R2MTRF
2.2 ± 20%
0.042
3.00
2.20
60
NPIS48LP3R3MTRF
3.3 ± 20%
0.055
2.30
2.00
45
NPIS48LP4R7MTRF
4.7 ± 20%
0.070
2.00
1.70
35
NPIS48LP6R8MTRF
6.8 ± 20%
0.098
1.60
1.45
30
NPIS48LP100MTRF
10 ± 20%
0.150
1.30
1.20
25
NPIS48LP150MTRF
15 ± 20%
0.210
1.10
0.85
18
NPIS48LP220MTRF
22 ± 20%
0.290
0.90
0.70
15
NPIS48LP330MTRF
33 ± 20%
0.460
0.70
0.55
12
NPIS48LP470MTRF
47 ± 20%
0.620
0.57
0.65
11
NPIS48LP680MTRF
68 ± 20%
0.810
0.53
0.55
7.1
NPIS48LP101MTRF
100 ± 20%
1.30
0.49
0.45
5.2
NPIS48LP151MTRF
150 ± 20%
2.60
0.41
0.33
5.1
NPIS48LP221MTRF
220 ± 20%
3.20
0.33
0.25
4.2
NPIS48LP331MTRF
330 ± 20%
4.90
0.26
0.22
3.2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com