Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPIS_LS Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NPIS_LS
Description  NPIS Shielded Power Inductors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS_LS Datasheet(HTML) 1 Page - NIC-Components Corp.

  NPIS_LS Datasheet HTML 1Page - NIC-Components Corp. NPIS_LS Datasheet HTML 2Page - NIC-Components Corp. NPIS_LS Datasheet HTML 3Page - NIC-Components Corp. NPIS_LS Datasheet HTML 4Page - NIC-Components Corp. NPIS_LS Datasheet HTML 5Page - NIC-Components Corp. NPIS_LS Datasheet HTML 6Page - NIC-Components Corp. NPIS_LS Datasheet HTML 7Page - NIC-Components Corp. NPIS_LS Datasheet HTML 8Page - NIC-Components Corp. NPIS_LS Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NPIS__LS Series
FEATURES
• SHIELDED POWER INDUCTOR
• HIGH CURRENT (UP TO 13.8 AMPS)
• SURFACE MOUNTABLE CONSTRUCTION
• HIGH INDUCTANCE (UP TO 330µH)
• TAPED AND REELED FOR AUTOMATIC INSERTION
Case Size
NPIS20LS
NPIS21LS
NPIS31LS
NPIS32LS
NPIS35LS
Inductance Range
0.47 ~ 10μH
0.47 ~ 22μH
1.0 ~ 62μH
0.82 ~ 100μH
1.0 ~ 68μH
Case Size
NPIS41LS
NPIS48LS
NPIS42LS
NPIS43LS
NPIS52LS
Inductance Range
0.82 ~ 100μH
1.0 ~ 220μH
1.0 ~ 100μH
0.91 ~ 120μH
0.47 ~ 100μH
Case Size
NPIS54LS
NPIS62LS
NPIS63LS
NPIS65LS
NPIS84LS
Inductance Range
1.0 ~ 100μH
0.5 ~ 22μH
1.5 ~ 100μH
0.82 ~ 330μH
0.82 ~ 330μH
Ambient Operating Temperature Range
-40°C ~ +125°C (including self-heating)*
Temperatrue Rise at Irms
Maximum +40°C Temperature Rise
Inductance Change at Isat
Maximum -30% Inductance Drop From Initial Measured Value
Inductance Tolerance
±20% (M), ±30% (Y)
Resistance to Solder Heat
+260°C for 10 seconds
CHARACTERISTICS
NPIS Shielded Power Inductors
*See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials
DIMENSIONS (mm)
Series
A
B
C
d
e
f
G
I
H
NPIS20LS
2.5 ± 0.1
2.0 ± 0.1
1.0 Max.
1.5 ± 0.2
0.80 ± 0.2
0.80 ± 0.2
0.8
0.85
2
NPIS21LS
2.5 ± 0.1
2.0 ± 0.1
1.2 Max.
1.5 ± 0.2
0.80 ± 0.2
0.80 ± 0.2
NPIS31LS
3.0 ± 0.2
3.0 ± 0.2
1.0 Max.
2.5 ± 0.2
0.75 ± 0.2
1.5 ± 0.2
1.5
0.8
2.7
NPIS32LS
3.0 ± 0.2
3.0 ± 0.2
1.2 Max.
2.5 ± 0.2
0.75 ± 0.2
1.5 ± 0.2
NPIS35LS
3.0 ± 0.2
3.0 ± 0.2
1.5 Max.
2.5 ± 0.2
0.75 ± 0.2
1.5 ± 0.2
NPIS41LS
4.0 ± 0.2
4.0 ± 0.2
1.2 Max.
3.3 ± 0.2
0.95 ± 0.2
2.1 ± 0.2
1.9
1.1
3.4
NPIS48LS
4.0 ± 0.2
4.0 ± 0.2
1.8 Max.
3.3 ± 0.2
0.95 ± 0.2
2.1 ± 0.2
NPIS42LS
4.0 ± 0.2
4.0 ± 0.2
2.0 Max.
3.3 ± 0.2
0.95 ± 0.2
2.1 ± 0.2
NPIS43LS
4.0 ± 0.2
4.0 ± 0.2
3.0 Max.
3.3 ± 0.2
0.95 ± 0.2
2.1 ± 0.2
NPIS52LS
5.0 ± 0.2
5.0 ± 0.2
2.0 Max.
4.0 ± 0.2
1.25 ± 0.2
2.5 ± 0.2
2.3
1.4
4.2
NPIS54LS
5.0 ± 0.2
5.0 ± 0.2
4.0 Max.
4.0 ± 0.2
1.25 ± 0.2
2.5 ± 0.2
NPIS62LS
6.0 ± 0.3
6.0 ± 0.3
2.0 Max.
4.9 ± 0.3
1.55 ± 0.3
2.9 ± 0.3
2.8
1.7
5.7
NPIS63LS
6.0 ± 0.3
6.0 ± 0.3
2.8 Max.
4.9 ± 0.3
1.55 ± 0.3
2.9 ± 0.3
NPIS65LS
6.0 ± 0.3
6.0 ± 0.3
4.5 Max.
4.9 ± 0.3
1.55 ± 0.3
2.9 ± 0.3
NPIS84LS
8.0 ± 0.3
8.0 ± 0.3
4.2 Max.
6.3 ± 0.3
2.00 ± 0.3
4.0 ± 0.3
3.8
2.2
7.5
NPIS2*LS
NPIS3*LS, NPIS4*LS
NPIS6*LS, NPIS8*LS
I
NPIS5*LS
All Sizes
C
REFLOW SOLDERING
LAND PATTERN (ALL SIZES)
A
A
f
f
f
B
B
B
d
d
d
A
e
e
e
NPIS 31 LS 470 M TR F
RoHS Compliant
Packaging: TR = Tape & Reel
Inductance Tolerance Code: M=±20%
Inductance Code (µH): 1st two digits are
significant, 3rd digit is multiplier.
Construction Code (see drawing for details)
Size Code (see table for details)
Series
PART NUMBER SYSTEM
H
I
G
*Specifications reflect recent product changes. For more information refer to PCN announcement [Link]


Similar Part No. - NPIS_LS

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS-LS NIC-NPIS-LS Datasheet
1Mb / 17P
NPIS Shielded Power Inductors
More results

Similar Description - NPIS_LS

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS-A NIC-NPIS-A Datasheet
91Kb / 4P
NPIS Shielded Power Inductors
NPIS-E NIC-NPIS-E Datasheet
122Kb / 15P
NPIS Shielded Power Inductors
NPIS64D330MTRF NIC-NPIS64D330MTRF Datasheet
139Kb / 14P
NPIS Shielded Power Inductors
NPIS_D NIC-NPIS_D Datasheet
133Kb / 14P
NPIS Shielded Power Inductors
NPIS_F NIC-NPIS_F Datasheet
44Kb / 4P
NPIS Shielded Power Inductors
NPIS_L NIC-NPIS_L Datasheet
116Kb / 6P
NPIS Shielded Power Inductors
NPIS_LA NIC-NPIS_LA Datasheet
359Kb / 7P
NPIS Shielded Power Inductors
NPIS_LP NIC-NPIS_LP Datasheet
230Kb / 7P
NPIS Shielded Power Inductors
NPIS_P NIC-NPIS_P Datasheet
73Kb / 4P
NPIS Shielded Power Inductors
NPIS_R NIC-NPIS_R Datasheet
101Kb / 4P
NPIS Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com