Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPIS20LS Datasheet(PDF) 9 Page - NIC-Components Corp.

Part # NPIS20LS
Description  NPIS Shielded Power Inductors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS20LS Datasheet(HTML) 9 Page - NIC-Components Corp.

Back Button NPIS20LS Datasheet HTML 5Page - NIC-Components Corp. NPIS20LS Datasheet HTML 6Page - NIC-Components Corp. NPIS20LS Datasheet HTML 7Page - NIC-Components Corp. NPIS20LS Datasheet HTML 8Page - NIC-Components Corp. NPIS20LS Datasheet HTML 9Page - NIC-Components Corp. NPIS20LS Datasheet HTML 10Page - NIC-Components Corp. NPIS20LS Datasheet HTML 11Page - NIC-Components Corp. NPIS20LS Datasheet HTML 12Page - NIC-Components Corp. NPIS20LS Datasheet HTML 13Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
Series
Standard Values - Case Size 43 (4.0 x 4.0 x 3.0mm)
Inductance
(µH)
Tolerance
Test Conditions
DCR
(Ω) ±30%
Max. Isat
(Amps)
Max. Irms
(Amps)
SRF
(MHz)
NPIS43LSR91YTRF
0.91
±30%
100KHz, 1V
0.022
6.25
3.15
100
NPIS43LS1R2YTRF
1.2
±30%
100KHz, 1V
0.025
5.8
2.96
80
NPIS43LS1R5YTRF
1.5
±30%
100KHz, 1V
0.03
4.84
2.92
62
NPIS43LS1R8YTRF
1.8
±30%
100KHz, 1V
0.03
5.4
2.92
60
NPIS43LS2R2YTRF
2.2
±30%
100KHz, 1V
0.035
4.9
2.57
52
NPIS43LS3R3MTRF
3.3
±20%
100KHz, 1V
0.04
3.3
2.4
38
NPIS43LS4R3MTRF
4.3
±20%
100KHz, 1V
0.055
2.95
2.1
37
NPIS43LS4R7MTRF
4.7
±20%
100KHz, 1V
0.06
2.9
2
31
NPIS43LS5R6MTRF
5.6
±20%
100KHz, 1V
0.065
2.6
1.95
30
NPIS43LS6R2MTRF
6.2
±20%
100KHz, 1V
0.07
2.5
1.85
29
NPIS43LS6R8MTRF
6.8
±20%
100KHz, 1V
0.09
2.75
1.6
24
NPIS43LS7R5MTRF
7.5
±20%
100KHz, 1V
0.085
2.2
1.65
26
NPIS43LS8R2MTRF
8.2
±20%
100KHz, 1V
0.09
2.1
1.6
26
NPIS43LS9R1MTRF
9.1
±20%
100KHz, 1V
0.095
2
1.55
23
NPIS43LS100MTRF
10
±20%
100KHz, 1V
0.1
1.95
1.5
21
NPIS43LS120MTRF
12
±20%
100KHz, 1V
0.135
1.7
1.3
18
NPIS43LS150MTRF
15
±20%
100KHz, 1V
0.19
1.65
1.11
16
NPIS43LS180MTRF
18
±20%
100KHz, 1V
0.2
1.4
1.1
10
NPIS43LS220MTRF
22
±20%
100KHz, 1V
0.225
1.3
1
10
NPIS43LS330MTRF
33
±20%
100KHz, 1V
0.33
1.1
0.84
10
NPIS43LS360MTRF
36
±20%
100KHz, 1V
0.335
1.05
0.83
9.8
NPIS43LS390MTRF
39
±20%
100KHz, 1V
0.435
1.03
0.73
10
NPIS43LS430MTRF
43
±20%
100KHz, 1V
0.44
1
0.73
9.2
NPIS43LS470MTRF
47
±20%
100KHz, 1V
0.445
0.95
0.72
8.4
NPIS43LS510MTRF
51
±20%
100KHz, 1V
0.47
0.9
0.7
8.4
NPIS43LS560MTRF
56
±20%
100KHz, 1V
0.555
0.85
0.65
8.4
NPIS43LS620MTRF
62
±20%
100KHz, 1V
0.829
0.8
0.53
7
NPIS43LS680MTRF
68
±20%
100KHz, 1V
0.868
0.75
0.52
7
NPIS43LS750MTRF
75
±20%
100KHz, 1V
1.02
0.7
0.48
6.3
NPIS43LS820MTRF
82
±20%
100KHz, 1V
1.06
0.66
0.47
5.6
NPIS43LS910MTRF
91
±20%
100KHz, 1V
1.1
0.65
0.46
5.6
NPIS43LS101MTRF
100
±20%
100KHz, 1V
1.15
0.6
0.45
5.6
NPIS43LS121MTRF
120
±20%
100KHz, 1V
1.35
0.55
0.42
5.4
Maximum +40°C temperature rise at Irms. Maximum -30% inductance drop from initial measured value at Isat.
NPIS43LS Size
NPIS__LS Series
NPIS Shielded Power Inductors
Inductance vs. DC Current Characteristics
Temperature vs. DC Current Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com