Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPIS41LP Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NPIS41LP
Description  NPIS Shielded Power Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS41LP Datasheet(HTML) 4 Page - NIC-Components Corp.

  NPIS41LP Datasheet HTML 1Page - NIC-Components Corp. NPIS41LP Datasheet HTML 2Page - NIC-Components Corp. NPIS41LP Datasheet HTML 3Page - NIC-Components Corp. NPIS41LP Datasheet HTML 4Page - NIC-Components Corp. NPIS41LP Datasheet HTML 5Page - NIC-Components Corp. NPIS41LP Datasheet HTML 6Page - NIC-Components Corp. NPIS41LP Datasheet HTML 7Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
®
Specifications are subject to change
NPIS__LP Series
NPIS Shielded Power Inductors
NPIS32LP Size
Maximum +40°C temperature rise at Irms. Maximum -30% inductance drop from initial measured value at Isat.
NPIS35LP Size
Maximum +40°C temperature rise at Irms. Maximum -30% inductance drop from initial measured value at Isat.
Series
Standard Values - Case Size 32 (3.0x3.0x1.2mm)
Inductance
(μH)
Test
Conditions
DCR
(Ω)
Isat (Amps)
Irms (Amps)
SRF (MHz)
Max.
Typ.
Max.
Max.
Min.
NPIS32LP1R0MTRF
1.0 ± 20%
100KHz, 1V
0.04
0.032
2.2
2.3
74
NPIS32LP2R2MTRF
2.2 ± 20%
0.09
0.075
1.5
1.4
51
NPIS32LP3R3MTRF
3.3 ± 20%
0.134
0.112
1.23
1.4
62
NPIS32LP100MTRF
10 ± 20%
0.372
0.310
0.75
0.75
22
NPIS32LP220MTRF
22 ± 20%
0.84
0.70
0.50
0.50
14
Series
Standard Values - Case Size 35 (3.0x3.0x1.5mm)
Inductance
(μH)
Test
Conditions
DCR
(Ω)
Isat (Amps)
Irms (Amps)
SRF (MHz)
Max.
Typ.
Max.
Max.
Min.
NPIS35LPR47MTRF
0.47 ± 20%
100KHz, 1V
0.022
.0218
2.4
3.0
216
NPIS35LP1R0MTRF
1.0 ± 20%
0.04
0.033
2.7
2.2
92
NPIS35LP1R5MTRF
1.5 ± 20%
0.048
0.04
2.0
2.0
70
NPIS35LP2R2MTRF
2.2 ± 20%
0.06
0.05
1.5
1.8
55
NPIS35LP3R3MTRF
3.3 ± 20%
0.084
0.07
1.3
1.5
51
NPIS35LP4R7MTRF
4.7 ± 20%
0.155
0.096
1.1
1.3
35
NPIS35LP6R8MTRF
6.8 ± 20%
0.144
0.12
0.80
0.90
27
NPIS35LP100MTRF
10 ± 20%
0.276
0.23
0.75
0.84
21
NPIS35LP150MTRF
15 ± 20%
0.36
0.30
0.60
0.73
18
NPIS35LP220MTRF
22 ± 20%
0.54
0.45
0.52
0.60
14



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com