Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPIS48LS Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NPIS48LS
Description  NPIS Shielded Power Inductors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS48LS Datasheet(HTML) 5 Page - NIC-Components Corp.

  NPIS48LS Datasheet HTML 1Page - NIC-Components Corp. NPIS48LS Datasheet HTML 2Page - NIC-Components Corp. NPIS48LS Datasheet HTML 3Page - NIC-Components Corp. NPIS48LS Datasheet HTML 4Page - NIC-Components Corp. NPIS48LS Datasheet HTML 5Page - NIC-Components Corp. NPIS48LS Datasheet HTML 6Page - NIC-Components Corp. NPIS48LS Datasheet HTML 7Page - NIC-Components Corp. NPIS48LS Datasheet HTML 8Page - NIC-Components Corp. NPIS48LS Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NPIS__LS Series
NPIS Shielded Power Inductors
Series
Standard Values - Case Size 35 (3.0 x 3.0 x 1.5mm)
Inductance
(µH)
Tolerance
Test Conditions
DCR
(Ω) ±30%
Max. Isat
(Amps)
Max. Irms
(Amps)
SRF
(MHz)
NPIS35LS1R0YTRF
1.0
±30%
100KHz, 1V
0.037
2.3
2.1
150
NPIS35LS1R2YTRF
1.2
±30%
100KHz, 1V
0.04
2.21
1.95
110
NPIS35LS1R5YTRF
1.5
±30%
100KHz, 1V
0.05
2.3
1.7
100
NPIS35LS1R8YTRF
1.8
±30%
100KHz, 1V
0.05
1.75
1.7
92
NPIS35LS2R2YTRF
2.2
±30%
100KHz, 1V
0.06
1.6
1.6
86
NPIS35LS2R7YTRF
2.7
±30%
100KHz, 1V
0.075
1.52
1.43
64
NPIS35LS3R3MTRF
3.3
±20%
100KHz, 1V
0.08
1.32
1.36
68
NPIS35LS3R6MTRF
3.6
±20%
100KHz, 1V
0.105
1.28
1.2
59
NPIS35LS4R3MTRF
4.3
±20%
100KHz, 1V
0.115
1.2
1.14
53
NPIS35LS4R7MTRF
4.7
±20%
100KHz, 1V
0.125
1.1
1.09
46
NPIS35LS5R1MTRF
5.1
±20%
100KHz, 1V
0.125
1.08
1.09
49
NPIS35LS6R2MTRF
6.2
±20%
100KHz, 1V
0.195
1
0.86
46
NPIS35LS6R8MTRF
6.8
±20%
100KHz, 1V
0.2
0.85
0.85
39
NPIS35LS100MTRF
10
±20%
100KHz, 1V
0.25
0.72
0.77
41
NPIS35LS120MTRF
12
±20%
100KHz, 1V
0.32
0.7
0.68
32
NPIS35LS150MTRF
15
±20%
100KHz, 1V
0.35
0.66
0.65
30
NPIS35LS180MTRF
18
±20%
100KHz, 1V
0.43
0.56
0.59
23
NPIS35LS220MTRF
22
±20%
100KHz, 1V
0.46
0.52
0.57
23
NPIS35LS270MTRF
27
±20%
100KHz, 1V
0.73
0.48
0.45
22
NPIS35LS330MTRF
33
±20%
100KHz, 1V
0.82
0.44
0.43
20
NPIS35LS390MTRF
39
±20%
100KHz, 1V
0.995
0.41
0.39
14
NPIS35LS430MTRF
43
±20%
100KHz, 1V
1.06
0.37
0.37
16
NPIS35LS470MTRF
47
±20%
100KHz, 1V
1.25
0.35
0.35
14
NPIS35LS560MTRF
56
±20%
100KHz, 1V
1.28
0.33
0.34
13
NPIS35LS620MTRF
62
±20%
100KHz, 1V
1.43
0.33
0.32
13
NPIS35LS680MTRF
68
±20%
100KHz, 1V
2.7
0.28
0.23
11
Maximum +40°C temperature rise at Irms. Maximum -30% inductance drop from initial measured value at Isat.
NPIS35LS Size
Inductance vs. DC Current Characteristics
Temperature vs. DC Current Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com