Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPIS54LS Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NPIS54LS
Description  NPIS Shielded Power Inductors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS54LS Datasheet(HTML) 3 Page - NIC-Components Corp.

  NPIS54LS Datasheet HTML 1Page - NIC-Components Corp. NPIS54LS Datasheet HTML 2Page - NIC-Components Corp. NPIS54LS Datasheet HTML 3Page - NIC-Components Corp. NPIS54LS Datasheet HTML 4Page - NIC-Components Corp. NPIS54LS Datasheet HTML 5Page - NIC-Components Corp. NPIS54LS Datasheet HTML 6Page - NIC-Components Corp. NPIS54LS Datasheet HTML 7Page - NIC-Components Corp. NPIS54LS Datasheet HTML 8Page - NIC-Components Corp. NPIS54LS Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NPIS__LS Series
NPIS Shielded Power Inductors
Series
Standard Values - Case Size 31 (3.0 x 3.0 x 1.0mm)
Inductance
(µH)
Tolerance
Test
Conditions
DCR
(Ω) ±30%
Max. Isat
(Amps)
Max. Irms
(Amps)
SRF (MHz)
NPIS31LS1R0YTRF
1.0
±30%
100KHz, 1V
0.065
1.4
1.45
180
NPIS31LS1R5YTRF
1.5
±30%
100KHz, 1V
0.08
1.27
1.3
120
NPIS31LS2R2YTRF
2.2
±30%
100KHz, 1V
0.11
1.15
1.09
100
NPIS31LS2R7YTRF
2.7
±30%
100KHz, 1V
0.13
1
1.02
90
NPIS31LS3R3YTRF
3.3
±30%
100KHz, 1V
0.145
0.97
0.96
74
NPIS31LS3R6MTRF
3.6
±20%
100KHz, 1V
0.165
0.95
0.9
67
NPIS31LS4R7MTRF
4.7
±20%
100KHz, 1V
0.225
0.75
0.77
59
NPIS31LS6R8MTRF
6.8
±20%
100KHz, 1V
0.305
0.55
0.66
42
NPIS31LS100MTRF
10
±20%
100KHz, 1V
0.4
0.55
0.58
39
NPIS31LS120MTRF
12
±20%
100KHz, 1V
0.505
0.43
0.52
36
NPIS31LS150MTRF
15
±20%
100KHz, 1V
0.61
0.42
0.47
30
NPIS31LS180MTRF
18
±20%
100KHz, 1V
0.68
0.4
0.44
29
NPIS31LS220MTRF
22
±20%
100KHz, 1V
0.93
0.35
0.38
28
NPIS31LS270MTRF
27
±20%
100KHz, 1V
1.08
0.3
0.35
25
NPIS31LS330MTRF
33
±20%
100KHz, 1V
1.55
0.29
0.3
18
NPIS31LS390MTRF
39
±20%
100KHz, 1V
1.75
0.28
0.28
18
NPIS31LS430MTRF
43
±20%
100KHz, 1V
1.8
0.23
0.27
18
NPIS31LS470MTRF
47
±20%
100KHz, 1V
1.95
0.22
0.26
18
NPIS31LS510MTRF
51
±20%
100KHz, 1V
2.2
0.21
0.25
18
NPIS31LS560MTRF
56
±20%
100KHz, 1V
2.32
0.21
0.24
16
NPIS31LS620MTRF
62
±20%
100KHz, 1V
2.45
0.2
0.23
16
Maximum +40°C temperature rise at Irms. Maximum -30% inductance drop from initial measured value at Isat.
Series
Standard Values - Case Size 21 (2.0 x 2.5 x 1.2mm)
Inductance
(µH)
Tolerance
Test
Conditions
Max. DCR
(Ω) ±30%
Max. Isat
(Amps)
Typ. Isat
(Amps)
Irms (Amps)
NPIS21LS100MTRF
10
±20%
100KHz, 1V
0.69
0.88
0.97
0.62
NPIS21LS120MTRF
12
±20%
100KHz, 1V
0.992
0.78
0.87
0.51
NPIS21LS150MTRF
15
±20%
100KHz, 1V
1.469
0.68
0.76
0.42
NPIS21LS220MTRF
22
±20%
100KHz, 1V
1.824
0.53
0.59
0.38
NPIS21LS Size (Continued)
Maximum +40°C temperature rise at Irms. Maximum -30% inductance drop from initial measured value at Isat.
NPIS31LS Size
Inductance vs. DC Current Characteristics
Temperature vs. DC Current Characteristics
Inductance vs. DC Current Characteristics
Temperature vs. DC Current Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com