Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS03 Datasheet(PDF) 2 Page - XP Power Limited

Part # FS03
Description  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

FS03 Datasheet(HTML) 2 Page - XP Power Limited

  FS03 Datasheet HTML 1Page - XP Power Limited FS03 Datasheet HTML 2Page - XP Power Limited FS03 Datasheet HTML 3Page - XP Power Limited FS03 Datasheet HTML 4Page - XP Power Limited FS03 Datasheet HTML 5Page - XP Power Limited FS03 Datasheet HTML 6Page - XP Power Limited FS03 Datasheet HTML 7Page - XP Power Limited FS03 Datasheet HTML 8Page - XP Power Limited FS03 Datasheet HTML 9Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
4725V01
PAGE 2
WWW.XPPOWER.COM
FS SERIES
MODEL
OUTPUT
CURRENT
RIPPLE*4
REVERSIBLE
MODEL
OUTPUT
VOLTAGE
DUAL
OUTPUT
(CENTER
TAP) MODEL
OUTPUT
VOLTAGE
FS02/FS02CT
50mA
<6%
FS02
0 to 200 VDC
FS02CT
0 to +/- 100V
FS03/FS03CT
33.3mA
<2%
FS03
0 to 300 VDC
FS03CT
0 to +/- 150V
FS05/FS05CT
20mA
<2%
FS05
0 to 500VDC
FS05CT
0 to +/- 250V
FS10/FS10CT
10mA
<1%
FS10
0 to 1 kV
FS10CT
0 to +/- 500V
FS20/FS20CT
5mA
<2.5%
FS20
0 to 2kV
FS20CT
0 to +/- 1kV
FS30/FS30CT
3.33mA
<2%
FS30
0 to 3kV
FS30CT
0 to +/- 1.5kV
FS40/FS40CT
2.5mA
<1.5%
FS40
0 to 4kV
FS40CT
0 to +/- 2kV
MODEL
OUTPUT
CURRENT
RIPPLE*4
POSITIVE
MODEL
OUTPUT
VOLTAGE
NEGATIVE
MODEL
OUTPUT
VOLTAGE
FS50P/FS50N
2mA
<2.5%
FS50P
0 to +5kV
FS50N
0 to -5kV
FS60P/FS60N
1.67mA
<2.5%
FS60P
0 to +6kV
FS60N
0 to -6kV
INPUT CURRENT
UP to FS40
FS50 & FS60
VIN
NO-LOAD
FULL-LOAD
NO-LOAD
FULL-LOAD
12V
<0.3A
<1.25A
<0.4A
<1.5A
15V
<0.25A
<1.15A
<0.34A
<1.25A
24V
<0.15A
<0.65A
<0.2A
<0.75A
28V
<0.125A
<0.5A
<0.175A
<0.65A
ELECTRICAL SPECIFICATIONS*3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com