Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS10 Datasheet(PDF) 7 Page - XP Power Limited

Part # FS10
Description  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

FS10 Datasheet(HTML) 7 Page - XP Power Limited

  FS10 Datasheet HTML 1Page - XP Power Limited FS10 Datasheet HTML 2Page - XP Power Limited FS10 Datasheet HTML 3Page - XP Power Limited FS10 Datasheet HTML 4Page - XP Power Limited FS10 Datasheet HTML 5Page - XP Power Limited FS10 Datasheet HTML 6Page - XP Power Limited FS10 Datasheet HTML 7Page - XP Power Limited FS10 Datasheet HTML 8Page - XP Power Limited FS10 Datasheet HTML 9Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
4725V01
PAGE 7
WWW.XPPOWER.COM
FS - VM ADAPTER BOARD
This FS-VM adaptor board provides a convenient way to mount any FS
Series high voltage power supply DC to high voltage DC converter on its
side, minimizing the X-Y footprint to conserve board real estate.
ORDERING INFORMATION:
Please note when ordering an FS-VM adaptor board the FS Series is not
included and must be ordered separately.
PIN #
FUNCTION
1
(+) INPUT
2
(-) INPUT
3
(+) OUTPUT
(-) OUTPUT FOR NEG FS
4
(-) OUTPUT
HV RETURN
5
DUAL OUTPUT (CENTER TAP)
6
ERROR ALARM
7
LOGIC INPUT: +5V +/-5%
8
DISABLE
PARAMETER
VALUE
WEIGHT
<1 OUNCE (28.3 GRAMS)
VOLUME
1.70 CUBIC INCHES (28 CUBIC CENTIMETERS)
DIMENSIONS
2.30L (58.4L) x 0.44W (11.18W) x 1.35H (34.3H)
FS SERIES–ACCESSORY
Dimensions are in inches (metric equivalents are in parentheses)
Dimensional tolerances: .xx +/- 0.02 (0.51mm)
.xxx +/- 0.005 (0.127mm)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com