Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5909 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC5909
Description  Silicon NPN triple diffusion mesa type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5909 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC5909 Datasheet HTML 1Page - Panasonic Semiconductor 2SC5909 Datasheet HTML 2Page - Panasonic Semiconductor 2SC5909 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Power Transistors
1
Publication date: March 2004
SJD00307AED
2SC5909
Silicon NPN triple diffusion mesa type
For horizontal deflection output
■ Features
• High breakdown voltage: V
CBO ≥ 1 500 V
• High-speed switching: t
f < 200 ns
• Wide safe operation area
■ Absolute Maximum Ratings T
C
= 25°C
■ Electrical Characteristics T
C
= 25°C ± 3°C
Unit: mm
Note) Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base cutoff current (Emitter open)
ICBO
VCB = 1 000 V, IE = 050
µA
VCB
= 1 500 V, I
E
= 01
mA
Emitter-base cutoff current (Collector open)
IEBO
VEB = 7 V, IC = 050
µA
Forward current transfer ratio
hFE
VCE = 5 V, IC = 7.5 A
5
10
Collector-emitter saturation voltage
VCE(sat)
IC
= 7.5 A, I
B
= 1.88 A
2.5
V
Base-emitter saturation voltage
VBE(sat)
IC = 7.5 A, IB = 1.88 A
1.5
V
Transition frequency
fT
VCE = 10 V, IC = 0.1 A, f = 0.5 MHz
3
MHz
Storage time
tstg
IC
= 7.5 A, Resistance loaded
2.7
µs
Fall time
tf
IB1 = 1.88 A, IB2 = −3.75 A
0.2
µs
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
1 500
V
Collector-emitter voltage (E-B short)
VCES
1 500
V
Collector-emitter voltage (Base open)
VCEO
600
V
Emitter-base voltage (Collector open)
VEBO
7V
Base current
IB
5A
Collector current
IC
15
A
Peak collector current *
ICP
25
A
Collector power dissipation
PC
50
W
Ta = 25°C3
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
15.5±0.5
3.0±0.3
(4.0)
2.0±0.2
1.1±0.1
5.45±0.3
0.7±0.1
5˚
5˚
5˚
5˚
5˚
10.9±0.5
1
5˚
23
φ 3.2±0.1
1: Base
2: Collector
3: Emitter
EIAJ: SC-94
TOP-3E-A1 Package
Note) *: Non-repetitive peak collector current
Internal Connection
B
C
E


Similar Part No. - 2SC5909

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5900 SANYO-2SC5900 Datasheet
53Kb / 3P
SILICON TRANSISTOR
logo
Inchange Semiconductor ...
2SC5900 ISC-2SC5900 Datasheet
212Kb / 2P
High Switching Speed
logo
Panasonic Semiconductor
2SC5902 PANASONIC-2SC5902 Datasheet
78Kb / 3P
Silicon NPN triple diffusion mesa type
logo
Inchange Semiconductor ...
2SC5902 ISC-2SC5902 Datasheet
271Kb / 2P
isc Silicon NPN Power Transistor
logo
Panasonic Semiconductor
2SC5904 PANASONIC-2SC5904 Datasheet
78Kb / 3P
Silicon NPN triple diffusion mesa type
More results

Similar Description - 2SC5909

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC5884 PANASONIC-2SC5884 Datasheet
75Kb / 3P
Silicon NPN triple diffusion mesa type
2SC5885 PANASONIC-2SC5885 Datasheet
64Kb / 3P
Silicon NPN triple diffusion mesa type
2SC5904 PANASONIC-2SC5904 Datasheet
78Kb / 3P
Silicon NPN triple diffusion mesa type
2SC5902 PANASONIC-2SC5902 Datasheet
78Kb / 3P
Silicon NPN triple diffusion mesa type
2SC5686 PANASONIC-2SC5686 Datasheet
75Kb / 3P
Silicon NPN triple diffusion mesa type
2SC5412 PANASONIC-2SC5412 Datasheet
37Kb / 2P
Silicon NPN triple diffusion mesa type
2SC5912 PANASONIC-2SC5912 Datasheet
78Kb / 3P
Silicon NPN triple diffusion mesa type
2SC6012 PANASONIC-2SC6012 Datasheet
89Kb / 3P
Silicon NPN triple diffusion mesa type
2SC5905 PANASONIC-2SC5905 Datasheet
94Kb / 3P
Silicon NPN triple diffusion mesa type
2SC5914 PANASONIC-2SC5914 Datasheet
65Kb / 3P
Silicon NPN triple diffusion mesa type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com