Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS40/FS40CT Datasheet(PDF) 6 Page - XP Power Limited

Part # FS40/FS40CT
Description  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

FS40/FS40CT Datasheet(HTML) 6 Page - XP Power Limited

  FS40/FS40CT Datasheet HTML 1Page - XP Power Limited FS40/FS40CT Datasheet HTML 2Page - XP Power Limited FS40/FS40CT Datasheet HTML 3Page - XP Power Limited FS40/FS40CT Datasheet HTML 4Page - XP Power Limited FS40/FS40CT Datasheet HTML 5Page - XP Power Limited FS40/FS40CT Datasheet HTML 6Page - XP Power Limited FS40/FS40CT Datasheet HTML 7Page - XP Power Limited FS40/FS40CT Datasheet HTML 8Page - XP Power Limited FS40/FS40CT Datasheet HTML 9Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
4725V01
PAGE 6
WWW.XPPOWER.COM
FS SERIES
The FS Series power supplies are provided with internal input over-voltage
and over-temperature protection. In the event the input voltage or internal
temperature exceeds a preset level, the power supply will be temporarily
disabled. A TTL-compatible, latching alarm signal transitions from low to
high to indicate an alarm condition has occurred. Sustained presence of an
input over-voltage may damage input components. The user should respond
to the alarm by removing the potentially damaging input.
Once all alarm conditions are cleared, the power supply will resume normal
operation. The alarm output signal will remain high to indicate an alarm
event has occurred. To clear the alarm output, the +5V logic input must be
toggled low for >250ms, then returned high.
The protection circuits are powered by the +5V logic input voltage and
draw <25mA.
SMART FEATURES
NOTE: The no-load curve may be as much as 200% x the full-load curve. Varies per model.
APPLICATION NOTES
Output Voltage vs. Input Voltage
0
20
40
60
80
100
120
140
0
20
40
60
80
100
Input Voltage (%)
No-load
Full-load
No-Load
Full-Load



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com