Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA7202 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # DA7202
Description  10 W Mono Class-D Amplifier for 2S Battery Devices
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7202 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button DA7202 Datasheet HTML 17Page - Dialog Semiconductor DA7202 Datasheet HTML 18Page - Dialog Semiconductor DA7202 Datasheet HTML 19Page - Dialog Semiconductor DA7202 Datasheet HTML 20Page - Dialog Semiconductor DA7202 Datasheet HTML 21Page - Dialog Semiconductor DA7202 Datasheet HTML 22Page - Dialog Semiconductor DA7202 Datasheet HTML 23Page - Dialog Semiconductor DA7202 Datasheet HTML 24Page - Dialog Semiconductor DA7202 Datasheet HTML 25Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
DA7202
10 W Mono Class-D Amplifier for 2S Battery Devices
Company confidential
Datasheet
Revision 3a
20-Aug-2015
CFR0011-120-00 Rev 5
21 of 25
© 2015 Dialog Semiconductor
10 Application information
10.1 PCB layout
The performance of the DA7202 relies on good PCB layout. Failure to follow best practice can have
undesired side effects that include, but are not limited to, electromagnetic interference (EMI) and
electromagnetic compatibility (EMC) problems, ground bounce, and voltage losses. Poor layout can
also affect regulation and stability. Dialog Semiconductor recommend that the following guidelines
are followed:
● Place any input capacitors and output capacitors close to the device using short tracks. These
components carry high switching frequencies, and long tracks can act as an antenna.
● Maximise the size of ground metal on the component side to help with thermal dissipation.
● Use a ground plane with several vias connecting to the component side ground to further reduce
noise interference on sensitive circuit nodes.
● If external resistors are to be used to change the gain, these should be placed close to the
device.
● It is recommended that ferrite beads are included on the output paths to reduce EMI interference
and noise.
10.2 Speaker selection
The output from the DA7202 Class-D amplifier contains high frequency signals that are a result of its
switched PWM operation. These high frequency harmonics are at a much higher frequency than is
recommended for most speakers, so they must be filtered out to protect the speaker.
The correct choice of speaker is therefore important since the speaker itself can act as a low-pass
filter, attenuating the undesirable high frequency harmonics while still passing the desired audio
frequencies.
The 3 dB cut-off frequency for speaker inductance and resistance can be calculated using the
following formula:
fc = RLOAD / 2πL
Therefore to achieve a 3 dB cut-off frequency of 20 kHz with an 8 Ω speaker, a speaker should be
selected with an inductance of:
L = RLOAD / 2πfc = 8 Ω / 2π * 20 kHz = 64 μH
8 Ω speakers for portable applications typically have an inductance in the range of 20 μH to 100 μH.
Speakers with a higher inductance than the 64 μH calculated above will have a 3 dB cut-off
frequency below 20 kHz, resulting in a reduced audio bandwidth. Conversely, speakers with an
inductance lower than 64 μH will have a higher cut-off frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com