Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC374 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74ALVC374
Description  Octal D-type flip-flop positive edge-trigger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC374 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74ALVC374 Datasheet HTML 4Page - NXP Semiconductors 74ALVC374 Datasheet HTML 5Page - NXP Semiconductors 74ALVC374 Datasheet HTML 6Page - NXP Semiconductors 74ALVC374 Datasheet HTML 7Page - NXP Semiconductors 74ALVC374 Datasheet HTML 8Page - NXP Semiconductors 74ALVC374 Datasheet HTML 9Page - NXP Semiconductors 74ALVC374 Datasheet HTML 10Page - NXP Semiconductors 74ALVC374 Datasheet HTML 11Page - NXP Semiconductors 74ALVC374 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
2002 Feb 26
8
Philips Semiconductors
Product specification
Octal D-type flip-flop; positive edge-trigger;
3-state
74ALVC374
AC CHARACTERISTICS
Note
1. All typical values are measured at Tamb =25 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
WAVEFORMS
VCC (V)
−40 to +85
MIN.
TYP.(1)
MAX.
tPHL/tPLH
propagation delay CP to Qn
see Figs 6 and 9
1.65 to 1.95
1.0
3.1
6.4
ns
2.3 to 2.7
1.0
2.3
3.9
ns
2.7
1.0
2.5
3.6
ns
3.0 to 3.6
1.0
2.5
3.6
ns
tPZH/tPZL
3-state output enable time
OE to Qn
see Figs 8 and 9
1.65 to 1.95
1.0
3.2
6.4
ns
2.3 to 2.7
1.0
2.6
4.5
ns
2.7
1.0
3.2
4.6
ns
3.0 to 3.6
1.0
2.4
4.0
ns
tPHZ/tPLZ
3-state output disable time
OE to Qn
see Figs 8 and 9
1.65 to 1.95
1.5
3.6
7.0
ns
2.3 to 2.7
1.0
2.3
4.4
ns
2.7
1.5
2.9
4.4
ns
3.0 to 3.6
1.0
2.8
4.4
ns
tW
clock pulse with HIGH or LOW
see Figs 7 and 9
1.65 to 1.95
3.8
1.1
−
ns
2.3 to 2.7
3.3
0.9
−
ns
2.7
3.3
0.8
−
ns
3.0 to 3.6
3.3
1.2
−
ns
tsu
set-up time Dn to CP
see Figs 7 and 9
1.65 to 1.95
0.8
−0.1
−
ns
2.3 to 2.7
0.8
0.1
−
ns
2.7
0.8
0.3
−
ns
3.0 to 3.6
0.8
0.0
−
ns
th
hold time Dn to CP
see Figs 7 and 9
1.65 to 1.95
0.8
−0.1
−
ns
2.3 to 2.7
0.8
0.1
−
ns
2.7
0.8
0.4
−
ns
3.0 to 3.6
0.7
−0.1
−
ns
fmax
maximum clock pulse frequency see Figs 6 and 9
2.3 to 2.7
100
200
−
MHz
2.7
100
200
−
MHz
3.0 to 3.6
150
300
−
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com