Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC374D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74ALVC374D
Description  Octal D-type flip-flop positive edge-trigger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC374D Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74ALVC374D Datasheet HTML 3Page - NXP Semiconductors 74ALVC374D Datasheet HTML 4Page - NXP Semiconductors 74ALVC374D Datasheet HTML 5Page - NXP Semiconductors 74ALVC374D Datasheet HTML 6Page - NXP Semiconductors 74ALVC374D Datasheet HTML 7Page - NXP Semiconductors 74ALVC374D Datasheet HTML 8Page - NXP Semiconductors 74ALVC374D Datasheet HTML 9Page - NXP Semiconductors 74ALVC374D Datasheet HTML 10Page - NXP Semiconductors 74ALVC374D Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
2002 Feb 26
7
Philips Semiconductors
Product specification
Octal D-type flip-flop; positive edge-trigger;
3-state
74ALVC374
DC CHARACTERISTICS
At recommended operating conditions; voltages are referenced to GND (ground=0V).
Notes
1. All typical values are measured at VCC = 3.3 V and Tamb =25 °C.
2. For transceivers, the parameter IOZ includes the input leakage current.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
OTHER
VCC (V)
−40 to +85
MIN.
TYP.(1)
MAX.
VIH
HIGH-level input
voltage
1.65 to 1.95
0.65
× VCC −−
V
2.3 to 2.7
1.7
−−
V
2.7 to 3.6
2
−−
V
VIL
LOW-level input
voltage
1.65 to 1.95
−−
0.35
× VCC V
2.3 to 2.7
−−
0.7
V
2.7 to 3.6
−−
0.8
V
VOL
LOW-level output
voltage
VI =VIH or VIL; IO = 100 µA
1.65 to 3.6
−−
0.2
V
VI =VIH or VIL; IO = 6 mA
1.65
−
0.11
0.3
V
VI =VIH or VIL; IO = 12 mA
2.3
−
0.17
0.4
V
VI =VIH or VIL; IO = 18 mA
2.3
−
0.25
0.6
V
VI =VIH or VIL; IO = 12 mA
2.7
−
0.16
0.4
V
VI =VIH or VIL; IO = 18 mA
3.0
−
0.23
0.4
V
VI =VIH or VIL; IO = 24 mA
3.0
−
0.30
0.55
V
VOH
HIGH-level output
voltage
VI =VIH or VIL; IO = −100 µA 1.65 to 3.6
VCC − 0.2
−−
V
VI =VIH or VIL; IO = −6 mA
1.65
1.25
1.51
−
V
VI =VIH or VIL; IO = −12 mA
2.3
1.8
2.10
−
V
VI =VIH or VIL; IO = −18 mA
2.3
1.7
2.01
−
V
VI =VIH or VIL; IO = −12 mA
2.7
2.2
2.53
−
V
VI =VIH or VIL; IO = −18 mA
3.0
2.4
2.76
−
V
VI =VIH or VIL; IO = −24 mA
3.0
2.2
2.68
−
V
II
input leakage
current
VI = 3.6 V or GND
3.6
−±0.1
±5
µA
IOZ
3-state output
OFF-state current
VI =VIH or VIL;
VO = 3.6 V or GND; note 2
1.65 to 3.6
−
0.1
±10
µA
Ioff
power OFF leakage
current
VI or VO = 0 to 3.6 V
0.0
−±0.1
±10
µA
ICC
quiescent supply
current
VI =VCC or GND; IO = 0
3.6
−
0.2
10
µA
∆I
CC
additional
quiescent supply
current per input
pin
VI =VCC − 0.6 V; IO = 0
3.0 to 3.6
−
5
750
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com