Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3940KLP Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A3940KLP
Description  FULL-BRIDGE POWER MOSFET CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3940KLP Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A3940KLP Datasheet HTML 4Page - Allegro MicroSystems A3940KLP Datasheet HTML 5Page - Allegro MicroSystems A3940KLP Datasheet HTML 6Page - Allegro MicroSystems A3940KLP Datasheet HTML 7Page - Allegro MicroSystems A3940KLP Datasheet HTML 8Page - Allegro MicroSystems A3940KLP Datasheet HTML 9Page - Allegro MicroSystems A3940KLP Datasheet HTML 10Page - Allegro MicroSystems A3940KLP Datasheet HTML 11Page - Allegro MicroSystems A3940KLP Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
3940
FULL-BRIDGE POWER
MOSFET CONTROLLER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
8
Terminal Descriptions
CA/CB. High-side connection for bootstrap capacitor, positive
supply for high-side gate drive. The bootstrap capacitor is
charged to V
REG13 – 1.5 V when the output Sx terminal is low.
When the output swings high, the voltage on this terminal rises
with the output to provide the boosted gate voltage needed for n-
channel power MOSFETs.
RESET. Control input to put device into minimum power
consumption mode and to clear latched faults. Logic “1”
enables the device; logic “0” triggers the sleep mode. Internally
pulled down via 50 k
Ω resistor.
ENABLE. Logic “1” enables direct control of the output
drivers via the PHASE input, as in PWM controls, and ignores
the MODE and SR inputs. Internally pulled down via 50 k
Ω
resistor.
MODE. Logic input to set the current decay mode. Logic “1”
(slow-decay mode) switches off the high-side MOSFET in
response to a PWM “off” command. Logic “0” (fast-decay
mode) switches off both the high-side and low-side MOSFETs.
Internally pulled down via 50 k
Ω resistor.
PHASE. Motor direction control. When logic “1”, enables
gate drive outputs GHA and GLB allowing current flow from
SA to SB. When logic “0”, enables GHB and GLA allowing
current flow from SB to SA. Internally pulled down via 50 k
Ω
resistor.
SR. When logic “1”, enables synchronous rectification; logic
“0” disables the synchronous rectification. Internally pulled
down via 50 k
Ω resistor.
FAULT. Open drain, diagnostic logic output signal. When
logic “1”, indicates that one or more fault conditions have
occurred. Use an external pullup resistor to VREG5 or to digital
controller. Internally causes a coast when asserted. See also
Functional Description, next page.
IDEAD. Analog current set by resistor (12 k
Ω<R
DEAD<500 kΩ)
to ground. In conjunction with LONG, determines dead time
between GHx and GLx transitions of same phase. VIDEAD = 2 V.
LONG. When logic “1”, selects long dead time between GHx
and GLx transitions of same phase. When logic “0”, selects
short dead times. Internally pulled down via 50 k
Ω resistor.
GHA/GHB. High-side gate-drive outputs for n-channel
MOSFET drivers. External series gate resistors can control slew
rate seen at the power driver gate.
GLA/GLB. Low-side gate drive outputs for external, n-channel
MOSFET drivers. External series gate resistors can control slew
rate seen at the power driver gate.
GND. Common ground and dc supply returns. Exposed
thermal pad of LP package is NOT internally connected to
GND.
LSS. Low-side gate drivers’ return. Connects to the common
sources in the low-side of the power MOSFET bridge. It is the
reference connection for the short-to-battery monitor.
OVSET. A positive, dc level that controls the VBB overvoltage
trip point. Usually, provided from precision resistor divider
network between V
REG5 and GND. If connected directly to
V
REG5, sets unspecified but high overvoltage trip point, effec-
tively eliminating the overvoltage protection.
SA/SB. Directly connected to the motor terminals, these
terminals sense the voltages switched across the load and are
connected to the negative side of the bootstrap capacitors. Also,
are the negative supply connection for the floating, high-side
drivers.
VBB. Positive supply voltage. Usually connected to the motor
voltage supply. If VBB is above a specified level or below a
specified level, a fault will be asserted.
VDRAIN. Kelvin connection for drain-to-source voltage (short-
to-ground) monitor and is connected to high-side drains of the
MOSFET bridge. Also used to detect “open drain”.
VDSTH. A positive, dc level that sets the short-to-ground and
short-to-battery monitor threshold voltage. If the drain-source
voltage exceeds this level (after the dead time) during an “on”
state, a fault will be asserted.
CP1 [CP2]. Charge pump capacitor negative [positive] side. If
not using the charge pump, leave both terminals open.
VCP. Charge pump output for VREG13 input. If not using the
charge pump, connect this terminal to VBB.
VIN. Positive supply voltage for the V
REG13 linear regulator.
Usually connected to VCP, the charge-pump output gate drive.
If not using the charge pump, connect VIN to VBB or other dc
supply greater than 11 V.
VREG13. High-side, gate-driver supply. If V
REG13 falls below
a specified level, a fault will be asserted.
VREG5. Regulated 5 V output for internal logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com