Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF-331M4-TR2 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # ATF-331M4-TR2
Description  Agilent ATF-331M4 Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ATF-331M4-TR2 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  ATF-331M4-TR2 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ATF-331M4-TR2 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ATF-331M4-TR2 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ATF-331M4-TR2 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ATF-331M4-TR2 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ATF-331M4-TR2 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ATF-331M4-TR2 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ATF-331M4-TR2 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ATF-331M4-TR2 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
3
ATF-331M4 DC Electrical Specifications
TA = 25°C, RF parameters measured in a test circuit for a typical device
Symbol Parameter and Test Condition
Units
Min.
Typ.[2]
Max.
Idss [1]
Saturated Drain Current
Vds = 1.5 V, Vgs = 0V
mA
175
237
305
Vp[1]
Pinch-off Voltage
Vds = 1.5 V, Ids = 10% of Idss
V
-0.65
-0.5
-0.35
Id
Quiescent Bias Current
Vgs = -0.51 V, Vds = 4 V
mA
—
60
—
Gm[1]
Transconductance
Vds = 1.5 V, Gm = Idss/Vp
mmho
360
440
—
Igdo
Gate to Drain Leakage Current
Vgd = -5 V
µA
—
—
1000
Igss
Gate Leakage Current
Vgd = Vgs = -4 V
µA
—
42
600
NF
Noise Figure
f = 2 GHz
Vds = 4 V, Ids = 60 mA
dB
—
0.6
0.8
f = 900 MHz
Vds = 4 V, Ids = 60 mA
dB
—
0.5
—
Ga
Associated Gain
f = 2 GHz
Vds = 4 V, Ids = 60 mA
dB
13.5
15
16.5
f = 900 MHz
Vds = 4 V, Ids = 60 mA
dB
—
21
—
OIP3
Output 3rd Order
f = 2 GHz, 5 dBm Pout/Tone
Vds = 4 V, Ids = 60 mA
dBm
28.5
31
—
Intercept Point [3]
f = 900 MHz, 5 dBm Pout/Tone
Vds = 4 V, Ids = 60 mA
dBm
—
30.8
—
P1dB
1dB Compressed
f = 2 GHz
Vds = 4 V, Ids = 60 mA
dBm
—
19
—
Output Power [3]
f = 900 MHz
Vds = 4 V, Ids = 60 mA
dBm
—
18
—
Notes:
1. Guaranteed at wafer probe level
2. Typical values are determined from a sample size of 349 parts from 4 wafers.
3. Measurements obtained using production test board described in Figure 5.
Input
50
Ω Input
Transmission Line
Including
Gate Bias T
(0.3 dB loss)
Input
Matching Circuit
Γ_mag = 0.13
Γ_ang = 113°
(0.3 dB loss)
50
Ω Output
Transmission Line
Including
Gate Bias T
(0.5 dB loss)
DUT
Output
Figure 5. Block diagram of 2 GHz production test board used for Noise Figure, Associated Gain, P1dB, and OIP3 measurements. This circuit
represents a trade-off between an optimal noise match and a realizable match based on production test requirements. Circuit losses have been
de-embedded from actual measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com